Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427CMLF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS84427CMLF
Description  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84427CMLF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS84427CMLF Datasheet HTML 3Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 4Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 5Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 6Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 7Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 8Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 9Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 10Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REVISION B 5/6/15
84427 DATA SHEET
7
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply
pins are vulnerable to random noise. The 84427 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL.V
DD and VDDA should be
individually connected to the power supply plane through vias,
and bypass capacitors should be used for each pin. To achieve
optimum jitter performance, power supply isolation is required.
Figure 1 illustrates how a 24
Ω resistor along with a 10μF and a
.01
μF bypass capacitor should be connected to each V
DDA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
24
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
CRYSTAL INPUT INTERFACE
The 84427 has been characterized with 18pF parallel resonant
crystals. The capacitor values, C1 and C2, shown in Figure 2
below were determined using an 18pF parallel resonant crystal
Figure 2. CRYSTAL INPUt INTERFACE
and were chosen to minimize the ppm error. The optimum C1
and C2 values can be slightly adjusted for different board layouts.
C1
18p
X1
18pF Parallel Crystal
C2
22p
XTAL_IN
XTAL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com