Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427CMLF Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS84427CMLF
Description  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84427CMLF Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS84427CMLF Datasheet HTML 8Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 9Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 10Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 11Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 12Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 13Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 14Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 15Page - Integrated Device Technology ICS84427CMLF Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
84427 DATA SHEET
12
REVISION B 5/6/15
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for 84427 is: 2804
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 24 LEAD SOIC
θJA by Velocity (Linear Feet per Minute)
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
50°C/W
43°C/W
38°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com