Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DF Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 2Page - STMicroelectronics M95M01-DF Datasheet HTML 3Page - STMicroelectronics M95M01-DF Datasheet HTML 4Page - STMicroelectronics M95M01-DF Datasheet HTML 5Page - STMicroelectronics M95M01-DF Datasheet HTML 6Page - STMicroelectronics M95M01-DF Datasheet HTML 7Page - STMicroelectronics M95M01-DF Datasheet HTML 8Page - STMicroelectronics M95M01-DF Datasheet HTML 9Page - STMicroelectronics M95M01-DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Description
M95M01-DF M95M01-R
6/51
DocID13264 Rev 14
1
Description
The M95M01 devices are Electrically Erasable PROgrammable Memories (EEPROMs)
organized as 131072 x 8 bits, accessed through the SPI bus.
The M95M01-R can operate with a supply range from 1.8 V to 5.5 V, the M95M01-DF can
operate with a supply range from 1.7 V up to 5.5 V. These devices are guaranteed over the
-40 °C/+85 °C temperature range.
The M95M01-DF offers an additional page, named the Identification Page (256 bytes). The
Identification Page can be used to store sensitive application parameters which can be
(later) permanently locked in Read-only mode.
Figure 1. Logic diagram
The SPI bus signals are C, D and Q, as shown in Figure 1 and Table 1. The device is
selected when Chip Select (S) is driven low. Communications with the device can be
interrupted when the HOLD is driven low.
Table 1. Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data Input
Input
Q
Serial Data Output
Output
S
Chip Select
Input
W
Write Protect
Input
HOLD
Hold
Input
VCC
Supply voltage
-
VSS
Ground
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com