Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DF Datasheet(PDF) 45 Page - STMicroelectronics

Part # M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 41Page - STMicroelectronics M95M01-DF Datasheet HTML 42Page - STMicroelectronics M95M01-DF Datasheet HTML 43Page - STMicroelectronics M95M01-DF Datasheet HTML 44Page - STMicroelectronics M95M01-DF Datasheet HTML 45Page - STMicroelectronics M95M01-DF Datasheet HTML 46Page - STMicroelectronics M95M01-DF Datasheet HTML 47Page - STMicroelectronics M95M01-DF Datasheet HTML 48Page - STMicroelectronics M95M01-DF Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
DocID13264 Rev 14
45/51
M95M01-DF M95M01-R
Part numbering
50
11
Part numbering
Table 20. Ordering information scheme
Example:
M95
M01
R MN 6 T P /K
F
Device type
M95 = SPI serial access EEPROM
Device function
M01- = 1 Mbit (131072 x 8)
M01-D = 1 Mbit plus Identification page
Operating voltage
R = VCC = 1.8 to 5.5 V
F = VCC = 1.7 to 5.5 V
Package(1)
1. All packages are ECOPACK2® (RoHS-compliant and free of brominated, chlorinated and antimony-oxide
flame retardants).
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
CS = WLCSP
Device grade
6 = Industrial temperature range, - 40 to 85 °C
Device tested with standard test flow
Option
T = Tape and reel packing
blank = tube packing
Plating technology
P = RoHS compliant and halogen-free (ECOPACK2®)
Process(2)
2. The process letters apply to WLCSP devices only. The process letters appear on the device package
(marking) and on the shipment box. Please contact your nearest ST Sales Office for further information.
/K = Manufacturing technology code
Option
F = Back Side Coating
blank = no Back Side Coating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com