Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DF Datasheet(PDF) 49 Page - STMicroelectronics

Part # M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 43Page - STMicroelectronics M95M01-DF Datasheet HTML 44Page - STMicroelectronics M95M01-DF Datasheet HTML 45Page - STMicroelectronics M95M01-DF Datasheet HTML 46Page - STMicroelectronics M95M01-DF Datasheet HTML 47Page - STMicroelectronics M95M01-DF Datasheet HTML 48Page - STMicroelectronics M95M01-DF Datasheet HTML 49Page - STMicroelectronics M95M01-DF Datasheet HTML 50Page - STMicroelectronics M95M01-DF Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
DocID13264 Rev 14
49/51
M95M01-DF M95M01-R
Revision history
50
20-Jun-2012
9
Datasheet split into:
– M95M01-125 datasheet for automotive products (range 3),
– M95M01-DF, M95M01-R (this datasheet) for standard products (range
6).
Updated:
– WLCSP package dimensions: Figure 44: M95080-DFCS6TP/K,
WLCSP 8-bump wafer-level chip scale package outline and Table 60:
M95080-DFCS6TP/K, WLCSP 8-bump wafer-level chip scale package
mechanical data
– Cycling and data retention performances (4 million Write cycles, 200-
year data retention)
– Table 14: DC characteristics updated with 1.7 V values
– Table 15: AC characteristics updated with 16 MHz clock
Added:
– Identification page (M95M01-DF)
– 1.7 V/5.5 V device (reference M95M01-DF)
Deleted:
– Reference M95M01-W3
06-Jul-2012
10
Updated WLCSP package reference from “CT” to “CS”.
3-Sep-2012
11
Fixed some errors in Figure 3: WLCSP connections for M95M01-
DFCS6TP/K (top view, marking side, with bumps on the underside)
25-May-2015
12
Replaced “ball” by “bump” in the entire document.
Updated Features and WLCSP package figure on cover page.
Removed Caution note on UV exposure in Section 1: Description.
Updated Figure 3: WLCSP connections for M95M01-DFCS6TP/K (top
view, marking side, with bumps on the underside), Figure 4: Block
diagram and Figure 14: Page Write (WRITE) sequence.
Updated Section 5.1.3: Power-up conditions, Section 5.3: Hold condition,
Section 6: Instructions. and Section 7.2: Initial delivery state.
Updated Table 7: Absolute maximum ratings and its footnotes.
Updated Section 10: Package information with changes in each of
Sections 10.1: SO8N package information, 10.2: TSSOP8 package
information and 10.8: WLCSP package information.
Updated Table 31: Ordering information scheme and added Note: on
Engineering samples.
Updated Disclaimer.
Table 22. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com