Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DF Datasheet(PDF) 43 Page - STMicroelectronics

Part # M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 39Page - STMicroelectronics M95M01-DF Datasheet HTML 40Page - STMicroelectronics M95M01-DF Datasheet HTML 41Page - STMicroelectronics M95M01-DF Datasheet HTML 42Page - STMicroelectronics M95M01-DF Datasheet HTML 43Page - STMicroelectronics M95M01-DF Datasheet HTML 44Page - STMicroelectronics M95M01-DF Datasheet HTML 45Page - STMicroelectronics M95M01-DF Datasheet HTML 46Page - STMicroelectronics M95M01-DF Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
DocID13264 Rev 14
43/51
M95M01-DF M95M01-R
Package information
50
Figure 27. WLCSP- 8-bump, with BSC, 2.578 x 1716 mm, wafer level chip scale
package outline
1. Drawing is not to scale.
2. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
Table 19. WLCSP- 8-bump, with BSC, 2.578 x 1.716 mm, wafer level chip scale
package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.525
0.565
0.605
0.0207
0.0222
0.0238
A1
-
0.190
-
-
0.0075
-
A2
-
0.350
-
-
0.0138
-
A3
-
0.025
-
-
0.0010
-
b(2)
-
0.270
-
-
0.0106
-
D
-
2.578
2.598
-
0.1015
0.1023
E
-
1.716
1.736
-
0.0676
0.0683
e
-
1.000
-
-
0.0394
-
e1
-
0.866
-
-
0.0341
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com