Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DF Datasheet(PDF) 16 Page - STMicroelectronics

Part # M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 12Page - STMicroelectronics M95M01-DF Datasheet HTML 13Page - STMicroelectronics M95M01-DF Datasheet HTML 14Page - STMicroelectronics M95M01-DF Datasheet HTML 15Page - STMicroelectronics M95M01-DF Datasheet HTML 16Page - STMicroelectronics M95M01-DF Datasheet HTML 17Page - STMicroelectronics M95M01-DF Datasheet HTML 18Page - STMicroelectronics M95M01-DF Datasheet HTML 19Page - STMicroelectronics M95M01-DF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Instructions
M95M01-DF M95M01-R
16/51
DocID13264 Rev 14
6
Instructions
Each command is composed of bytes (MSBit transmitted first), initiated with the instruction
byte, as summarized in Table 3.
If an invalid instruction is sent (one not contained in Table 3), the device automatically enters
a Wait state until deselected.
Table 3. Instruction set
Instruction
Description
Instruction
format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010
RDID(1)
1. Instruction available only for the M95M01-D device.
Read Identification Page
1000 0011
WRID(1)
Write Identification Page
1000 0010
RDLS(1)
Reads the Identification Page lock status
1000 0011
LID(1)
Locks the Identification page in read-only mode
1000 0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com