Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DF Datasheet(PDF) 50 Page - STMicroelectronics

Part # M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 43Page - STMicroelectronics M95M01-DF Datasheet HTML 44Page - STMicroelectronics M95M01-DF Datasheet HTML 45Page - STMicroelectronics M95M01-DF Datasheet HTML 46Page - STMicroelectronics M95M01-DF Datasheet HTML 47Page - STMicroelectronics M95M01-DF Datasheet HTML 48Page - STMicroelectronics M95M01-DF Datasheet HTML 49Page - STMicroelectronics M95M01-DF Datasheet HTML 50Page - STMicroelectronics M95M01-DF Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
Revision history
M95M01-DF M95M01-R
50/51
DocID13264 Rev 14
30-Jun-2016
13
Updated Figure 8: Write Enable (WREN) sequence and Figure 9: Write
Disable (WRDI) sequence.
Updated footnote 1 of Table 7: Absolute maximum ratings.
Updated caption of Figure 25: TSSOP8 – 8-lead thin shrink small outline,
3 x 4.4 mm, 0.65 mm pitch, package outline and of Table 17: TSSOP8 –
8-lead thin shrink small outline, 3 x 4.4 mm, 0.65 mm pitch, package
mechanical data.
Updated Section 10.8: WLCSP package information.
Updated Table 31: Ordering information scheme.
21-Feb-2017
14
Updated:
– Features
– Package information
Added:
– Table 21: Ordering information scheme (unsawn wafer)
Table 22. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com