Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DF Datasheet(PDF) 34 Page - STMicroelectronics

Part # M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 30Page - STMicroelectronics M95M01-DF Datasheet HTML 31Page - STMicroelectronics M95M01-DF Datasheet HTML 32Page - STMicroelectronics M95M01-DF Datasheet HTML 33Page - STMicroelectronics M95M01-DF Datasheet HTML 34Page - STMicroelectronics M95M01-DF Datasheet HTML 35Page - STMicroelectronics M95M01-DF Datasheet HTML 36Page - STMicroelectronics M95M01-DF Datasheet HTML 37Page - STMicroelectronics M95M01-DF Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
DC and AC parameters
M95M01-DF M95M01-R
34/51
DocID13264 Rev 14
Table 11. Cycling performance by groups of four bytes
Symbol
Parameter(1)
1. Cycling performance for products identified by process letter K (previous products were specified with 1
million cycles at 25 °C).
Test conditions
Min.
Max.
Unit
Ncycle
Write cycle endurance(2)
2. The Write cycle endurance is defined for groups of four data bytes located at addresses [4*N, 4*N+1,
4*N+2, 4*N+3] where N is an integer. The Write cycle endurance is defined by characterization and
qualification.
TA ≤ 25 °C,
VCC(min) < VCC < VCC(max)
-
4,000,000
Write cycle(3)
3. A Write cycle is executed when either a Page Write, a Byte Write, a WRSR, a WRID or an LID instruction is
decoded. When using the Byte Write, the Page Write or the WRID instruction, refer also to Section 6.6.1:
Cycling with Error Correction Code (ECC).
TA = 85 °C,
VCC(min) < VCC < VCC(max)
-
1,200,000
Table 12. Memory cell data retention
Parameter
Test conditions
Min.
Unit
Data retention(1) (2)
1. The data retention behavior is checked in production, while the 200-year limit is defined from
characterization and qualification results.
2. For products identified by process letter K (previous products were specified with a data retention of 40
years at 55°C).
TA = 55 °C
200
Year
Table 13. Capacitance
Symbol
Parameter
Test conditions(1)
1. Sampled only, not 100% tested, at TA = 25 °C and a frequency of 5 MHz.
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
-
8
pF
CIN
Input capacitance (D)
VIN = 0 V
-
8
pF
Input capacitance (other pins)
VIN = 0 V
-
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com