Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-DF Datasheet(PDF) 11 Page - STMicroelectronics

Part # M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 7Page - STMicroelectronics M95M01-DF Datasheet HTML 8Page - STMicroelectronics M95M01-DF Datasheet HTML 9Page - STMicroelectronics M95M01-DF Datasheet HTML 10Page - STMicroelectronics M95M01-DF Datasheet HTML 11Page - STMicroelectronics M95M01-DF Datasheet HTML 12Page - STMicroelectronics M95M01-DF Datasheet HTML 13Page - STMicroelectronics M95M01-DF Datasheet HTML 14Page - STMicroelectronics M95M01-DF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
DocID13264 Rev 14
11/51
M95M01-DF M95M01-R
Connecting to the SPI bus
37
4
Connecting to the SPI bus
All instructions, addresses and input data bytes are shifted in to the device, most significant
bit first. The Serial Data Input (D) is sampled on the first rising edge of the Serial Clock (C)
after Chip Select (S) goes low.
All output data bytes are shifted out of the device, most significant bit first. The Serial Data
Output (Q) is latched on the first falling edge of the Serial Clock (C) after the instruction
(such as the Read from Memory Array and Read Status Register instructions) have been
clocked into the device.
Figure 5. Bus master and memory devices on the SPI bus
1. The Write Protect (W) and Hold (HOLD) signals should be driven, high or low as appropriate.
Figure 5 shows an example of three memory devices connected to an SPI bus master. Only
one memory device is selected at a time, so only one memory device drives the Serial Data
Output (Q) line at a time. The other memory devices are high impedance.
The pull-up resistor R (represented in Figure 5) ensures that a device is not selected if the
Bus Master leaves the S line in the high impedance state.
In applications where the Bus Master may leave all SPI bus lines in high impedance at the
same time (for example, if the Bus Master is reset during the transmission of an instruction),
the clock line (C) must be connected to an external pull-down resistor so that, if all
inputs/outputs become high impedance, the C line is pulled low (while the S line is pulled
high): this ensures that S and C do not become high at the same time, and so, that the
tSHCH requirement is met. The typical value of R is 100 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com