Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329I Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST2329I
Description  2-bit dual-supply level translator with auto-direction feature and integrated pull-up
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329I Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST2329I Datasheet HTML 2Page - STMicroelectronics ST2329I Datasheet HTML 3Page - STMicroelectronics ST2329I Datasheet HTML 4Page - STMicroelectronics ST2329I Datasheet HTML 5Page - STMicroelectronics ST2329I Datasheet HTML 6Page - STMicroelectronics ST2329I Datasheet HTML 7Page - STMicroelectronics ST2329I Datasheet HTML 8Page - STMicroelectronics ST2329I Datasheet HTML 9Page - STMicroelectronics ST2329I Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Pin configuration
ST2329I
6/22
Doc ID 018508 Rev 1
2
Pin configuration
Figure 1.
Pin configuration
Figure 2.
Device block diagram
1.
ST2329I has 2 channels. For simplicity, the diagram above shows only 1 channel.
2.
When OE is LOW, all I/Os are in high impedance mode.
Table 2.
Pin description
QFN10 pin no
Symbol
Name and function
1, 2
I/OVL1 to I/OVL2
Data inputs/outputs
8, 7
I/OVCC1 to I/OVCC2
Data inputs/outputs
3
OE
Output enable input
6
GND
Ground
10
VL
Supply voltage
9VCC
Supply voltage
4, 5
NC
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com