Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329I Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST2329I
Description  2-bit dual-supply level translator with auto-direction feature and integrated pull-up
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329I Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST2329I Datasheet HTML 5Page - STMicroelectronics ST2329I Datasheet HTML 6Page - STMicroelectronics ST2329I Datasheet HTML 7Page - STMicroelectronics ST2329I Datasheet HTML 8Page - STMicroelectronics ST2329I Datasheet HTML 9Page - STMicroelectronics ST2329I Datasheet HTML 10Page - STMicroelectronics ST2329I Datasheet HTML 11Page - STMicroelectronics ST2329I Datasheet HTML 12Page - STMicroelectronics ST2329I Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ST2329I
Pin configuration
Doc ID 018508 Rev 1
9/22
Table 6.
DC characteristics (over recommended operating conditions unless otherwise noted.
All typical values are at TA = 25 °C)
Symbol
Parameter
Test conditions
Value
Unit
VL
VCC
TA = 25 °C
–40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIHL
High level input
voltage on VL side
(I/OVL)
1.65
VL to 5.5
—
1.4
1.4
V
2.0
1.6
1.6
2.5
2.0
2.0
3.0
2.4
2.4
3.6
2.8
2.8
VILL
Low level input
voltage on VL side
(I/OVL)
1.65
VL to 5.5
—
0.3
0.3
V
2.0
0.4
0.4
2.5
0.5
0.5
3.0
0.6
0.6
3.6
0.8
0.8
VIHC
High level input
voltage on VCC
side (I/OVCC)
1.65 to
VCC
1.65
—
1.4
1.6
V
2.0
1.6
2.3
2.5
2.3
2.7
3.0
2.7
3.3
3.6
3.3
3.5
5.5
4.2
4.2
VILC
Low level input
voltage on VCC
side (I/OVCC)
1.65 to
VCC
1.65
—
0.3
V
2.0
0.3
2.5
0.3
3.0
0.5
3.6
0.5
5.5
0.5
VIH-OE
High level input
voltage (OE)
1.65
VL to 5.5
—
1.0
1.0
V
2.0
1.2
1.2
2.5
1.4
1.4
3.0
1.6
1.6
3.6
2.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com