Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329I Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST2329I
Description  2-bit dual-supply level translator with auto-direction feature and integrated pull-up
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329I Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST2329I Datasheet HTML 10Page - STMicroelectronics ST2329I Datasheet HTML 11Page - STMicroelectronics ST2329I Datasheet HTML 12Page - STMicroelectronics ST2329I Datasheet HTML 13Page - STMicroelectronics ST2329I Datasheet HTML 14Page - STMicroelectronics ST2329I Datasheet HTML 15Page - STMicroelectronics ST2329I Datasheet HTML 16Page - STMicroelectronics ST2329I Datasheet HTML 17Page - STMicroelectronics ST2329I Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Pin configuration
ST2329I
14/22
Doc ID 018508 Rev 1
Figure 4.
Test circuit
Note:
The pull-up resistors shown in the above test circuit are optional and are only needed if total
pull-up on either end of the level translator needs to be lower than 10 k
Ω . In applications
where 10 k
Ω is sufficient, the external pull-up resistor is not required.
Table 12.
For test conditions: VL = 2.7 to 3.6 V (load CL = 15 pF; Rup = 10 kΩ;
driver tr = tf ≤ 2 ns) overtemperature range –40 °C to 85 °C
Symbol
Parameter
VCC = 4.3 - 5.5 V
Unit
Min.
Max.
tRVCC
Rise time I/OVCC
2.9
ns
tFVCC
Fall time I/OVCC
17.2
ns
tRVL
Rise time I/OVL
3.0
ns
tFVL
Fall time I/OVL
9.7
ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPHL
2.7
ns
tPHL
10.6
ns
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPHL
1.9
ns
tPHL
4.8
ns
tPZL tPZH
tPLZ tPHZ
Output enable and disable time
En
6
ns
Dis
40
ns
DR
Data rate(1)
1.
The data rate is guaranteed based on the condition that the output I/O signal rise/fall time is less than 15%
of the input I/O signal period; the input I/O signal is at 50% duty cycle and the output I/O signal duty cycle
deviation is not less than 30%.
Note that the Rup of 4.7 kΩ is an effective R pull-up value. Since the device has an integrated 10 kΩ pull-up
resistor, an effective value of 4.7 k
Ω is obtained by adding an external 8.9 kΩ pull-up resistor.
7.2
MHz
Table 13.
Test circuit
Test
Switch
Driving I/OVL
Driving I/OVCC
Open drain driving
tPLH, tPHL
Open
Open
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com