Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329I Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST2329I
Description  2-bit dual-supply level translator with auto-direction feature and integrated pull-up
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329I Datasheet(HTML) 5 Page - STMicroelectronics

  ST2329I Datasheet HTML 1Page - STMicroelectronics ST2329I Datasheet HTML 2Page - STMicroelectronics ST2329I Datasheet HTML 3Page - STMicroelectronics ST2329I Datasheet HTML 4Page - STMicroelectronics ST2329I Datasheet HTML 5Page - STMicroelectronics ST2329I Datasheet HTML 6Page - STMicroelectronics ST2329I Datasheet HTML 7Page - STMicroelectronics ST2329I Datasheet HTML 8Page - STMicroelectronics ST2329I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ST2329I
Description
Doc ID 018508 Rev 1
5/22
1
Description
ST2329I is a 2-bit dual-supply level translator which provides the level shifting capability to
allow data transfer in a multi-voltage system. Externally applied voltages, VCC and VL, set
the logic levels on either side of the device. It utilizes a transmission gate based design that
allows bidirectional level translation without a control pin.
The ST2329I accepts VL from 1.65 V to 3.6 V and VCC from 1.80 V to 5.5 V, making it ideal
for data transfer between low-voltage ASICs/PLD and higher voltage systems. This device
has a tri-state output mode which can be used to disable all the I/Os.
The ST2329I supports power-down mode when VCC is grounded/floating and the device is
disabled via the OE pin. The device has integrated 10 k
Ω pull-ups on both sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com