Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329I Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST2329I
Description  2-bit dual-supply level translator with auto-direction feature and integrated pull-up
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329I Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST2329I Datasheet HTML 13Page - STMicroelectronics ST2329I Datasheet HTML 14Page - STMicroelectronics ST2329I Datasheet HTML 15Page - STMicroelectronics ST2329I Datasheet HTML 16Page - STMicroelectronics ST2329I Datasheet HTML 17Page - STMicroelectronics ST2329I Datasheet HTML 18Page - STMicroelectronics ST2329I Datasheet HTML 19Page - STMicroelectronics ST2329I Datasheet HTML 20Page - STMicroelectronics ST2329I Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ST2329I
Package information
Doc ID 018508 Rev 1
17/22
Figure 8.
Footprint recommendation for QFN10 (1.8 x 1.4 x 0.5 mm) - 0.40 mm pitch
Table 15.
Mechanical data for QFN10 (1.8 x 1.4 x 0.5 mm) - 0.40 mm pitch
Symbol
millimeters
inches
Note
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.5
0.45
0.55
0.02
0.018
0.022
A1
0.02
0
0.05
0.001
0
0.002
A3
0.13
0.005
b
0.2
0.15
0.25
0.008
0.006
0.01
D
1.8
1.75
1.85
0.071
0.069
0.073
E
1.4
1.35
1.45
0.055
0.053
0.057
e0.4
0.016
L
0.4
0.35
0.45
0.016
0.014
0.018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com