Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329I Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST2329I
Description  2-bit dual-supply level translator with auto-direction feature and integrated pull-up
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329I Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST2329I Datasheet HTML 3Page - STMicroelectronics ST2329I Datasheet HTML 4Page - STMicroelectronics ST2329I Datasheet HTML 5Page - STMicroelectronics ST2329I Datasheet HTML 6Page - STMicroelectronics ST2329I Datasheet HTML 7Page - STMicroelectronics ST2329I Datasheet HTML 8Page - STMicroelectronics ST2329I Datasheet HTML 9Page - STMicroelectronics ST2329I Datasheet HTML 10Page - STMicroelectronics ST2329I Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ST2329I
Pin configuration
Doc ID 018508 Rev 1
7/22
Figure 3.
Typical application diagram
1.
External pull-up resistors are optional. Only needed if a pull-up value lower than 10 k
Ω is desired.
2.1
Supplementary notes
2.1.1
Driver requirements
The ST2329I may be driven by an open drain or totem pole driver and the nature of the
device output is “open drain”. It must not be used to drive a pull-down resistor as the
impedance of the output at HIGH state depends on the pull-up resistor placed at the I/Os.
As the device has pull-up resistors on both I/OVCC and I/OVL ports, the user needs to ensure
that the driver is able to sink the required amount of current. For example, if the settings are
VCC = 5.5 V, VL = 4.3 V, and the pull-up resistor is 10 kΩ, then the driver must be able to sink
at least (5.5 V / 10 k
Ω) + (4.3 V / 10 kΩ) ≈ 1 mA and still meet VIL requirements of ST2329I.
2.1.2
Load driving capability
To support the open drain system, the one-shot transistor is turned on only during high
transition at the output side. When it drives a high state, after the one-shot transistor turned
off, only the pull-up resistor is able to maintain the state. In this case, the resistive load is not
recommended.
2.1.3
Power-off feature
In some applications where it might be required to turn off one of the power supplies
powering up the level translator, the user may turn OFF the VCC only when the OE pin is low
(device is disabled). There is no current consumption in VL due to floating gates or other
causes, and the I/Os are in a high impedance state in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com