Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329I Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2329I
Description  2-bit dual-supply level translator with auto-direction feature and integrated pull-up
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329I Datasheet(HTML) 1 Page - STMicroelectronics

  ST2329I Datasheet HTML 1Page - STMicroelectronics ST2329I Datasheet HTML 2Page - STMicroelectronics ST2329I Datasheet HTML 3Page - STMicroelectronics ST2329I Datasheet HTML 4Page - STMicroelectronics ST2329I Datasheet HTML 5Page - STMicroelectronics ST2329I Datasheet HTML 6Page - STMicroelectronics ST2329I Datasheet HTML 7Page - STMicroelectronics ST2329I Datasheet HTML 8Page - STMicroelectronics ST2329I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Target specification
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
March 2011
Doc ID 018508 Rev 1
1/22
1
ST2329I
2-bit dual-supply level translator with auto-direction feature
and integrated pull-up
Features
■ 18 Mbps (max.) data rate when driven by
a totem pole driver
■ 6.8 Mbps (max.) data rate when driven by
an open drain pole driver
■ Bidirectional level translation, without direction
pin
■ Wide VL voltage range of 1.65 V to 3.6 V
■ Wide VCC voltage range of 1.80 V to 5.5 V
■ Integrated 10 k
Ω pull-up on both VCC and VL
sides
■ Power-down mode feature; when either supply
is off, all I/Os are in high impedance
■ Low quiescent current (max. 4 µA)
■ Able to be driven by totem pole and open drain
drivers
■ 5.5 V tolerant enable pin
■ ESD performance on all pins: ±2 kV HBM
■ Small package and footprint - QFN10
(1.8 x 1.4 mm) package
Applications
■ Low voltage system level translation
■ Mobile phones and other mobile devices
■ I
2C level translation
■ UART level translation
Table 1.
Device summary
Order code
Package
Packing
ST2329IQTR
QFN10
(1.8 x 1.4 mm)
Tape and reel
(3000 parts per reel)
QFN10 (1.8 x 1.4 mm)
www.st.com


Similar Part No. - ST2329I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2329 STMICROELECTRONICS-ST2329 Datasheet
147Kb / 8P
2-bit dual supply level translator without control pin
05-May-2007
ST2329 STMICROELECTRONICS-ST2329 Datasheet
435Kb / 21P
2-bit dual supply level translator without direction control pin
07-May-2008
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2329AQTR STMICROELECTRONICS-ST2329AQTR Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2329B STMICROELECTRONICS-ST2329B Datasheet
702Kb / 23P
2-bit dual supply level translator without direction control pin, open drain output
18-Feb-2013
More results

Similar Description - ST2329I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2329 STMICROELECTRONICS-ST2329_08 Datasheet
435Kb / 21P
2-bit dual supply level translator without direction control pin
07-May-2008
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
logo
Fairchild Semiconductor
FXL2SD106 FAIRCHILD-FXL2SD106_11 Datasheet
294Kb / 11P
Low-Voltage Dual-Supply 6-Bit Voltage Translator with Auto-Direction Sensing
FXLA101 FAIRCHILD-FXLA101 Datasheet
1Mb / 18P
Low-Voltage Dual-Supply 1-Bit Voltage Translator with Auto Direction Sensing
logo
STMicroelectronics
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
07-Sep-2009
logo
Union Semiconductor, In...
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
STMicroelectronics
ST2129 STMICROELECTRONICS-ST2129 Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
September 2009 Rev 1
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com