Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329I Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST2329I
Description  2-bit dual-supply level translator with auto-direction feature and integrated pull-up
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329I Datasheet(HTML) 3 Page - STMicroelectronics

  ST2329I Datasheet HTML 1Page - STMicroelectronics ST2329I Datasheet HTML 2Page - STMicroelectronics ST2329I Datasheet HTML 3Page - STMicroelectronics ST2329I Datasheet HTML 4Page - STMicroelectronics ST2329I Datasheet HTML 5Page - STMicroelectronics ST2329I Datasheet HTML 6Page - STMicroelectronics ST2329I Datasheet HTML 7Page - STMicroelectronics ST2329I Datasheet HTML 8Page - STMicroelectronics ST2329I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ST2329I
List of tables
Doc ID 018508 Rev 1
3/22
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 3.
Truth table. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 4.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 5.
Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 6.
DC characteristics (over recommended operating conditions unless otherwise noted.
All typical values are at TA = 25 °C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 7.
For test conditions: VL = 1.65 to 1.8 V (load CL = 15 pF; Rup = 4.7 kΩ;
driver tr = tf ≤2 ns) overtemperature range –40 °C to 85 °C . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 8.
For test conditions: VL = 2.5 to 2.7 V (load CL = 15 pF; Rup = 4.7 kΩ;
driver tr = tf ≤2 ns) overtemperature range –40 °C to 85 °C . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 9.
For test conditions: VL = 2.7 to 3.6 V (load CL = 15 pF; Rup = 4.7 kΩ;
driver tr = tf ≤2 ns) overtemperature range –40 °C to 85 °C . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 10.
For test conditions: VL = 1.65 to 1.8 V (load CL = 15 pF; Rup = 10 kΩ;
driver tr = tf ≤2 ns) overtemperature range –40 °C to 85 °C . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 11.
For test conditions: VL = 2.5 to 2.7 V (load CL = 15 pF; Rup = 10 kΩ;
driver tr = tf ≤2 ns) overtemperature range –40 °C to 85 °C . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 12.
For test conditions: VL = 2.7 to 3.6 V (load CL = 15 pF; Rup = 10 kΩ;
driver tr = tf ≤2 ns) overtemperature range –40 °C to 85 °C . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 13.
Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 14.
Waveform symbol value . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 15.
Mechanical data for QFN10 (1.8 x 1.4 x 0.5 mm) - 0.40 mm pitch . . . . . . . . . . . . . . . . . . . 17
Table 16.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com