Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPMS2
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPMS2 Datasheet HTML 3Page - STMicroelectronics STPMS2 Datasheet HTML 4Page - STMicroelectronics STPMS2 Datasheet HTML 5Page - STMicroelectronics STPMS2 Datasheet HTML 6Page - STMicroelectronics STPMS2 Datasheet HTML 7Page - STMicroelectronics STPMS2 Datasheet HTML 8Page - STMicroelectronics STPMS2 Datasheet HTML 9Page - STMicroelectronics STPMS2 Datasheet HTML 10Page - STMicroelectronics STPMS2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
STPMS2
Pin configuration
DocID16525 Rev 5
7/36
3
Pin configuration
Figure 2: Pin connections
Table 2: Pin description
Pin
Symbol
Description
1
VCC
Unregulated supply voltage for pad ring, bandgap, low drop
and level shifters
2
VDDac
Current channel modulator supply input
3
VDDa
Output of internal + 3.0 V low drop regulated power supply
4
VBG
Output of internal + 1.23 V bias generator
5
CIN
Current channel -
6
CIP
Current channel +
7
VIN
Voltage channel -
8
VIP
Voltage channel +
9
VDDav
Voltage channel modulator supply input
10
MS0
Input for configurator 0
11
MS1
Input for configurator 1
12
MS2
Input for configurator 2
13
MS3
Input for configurator 3
14
CLK
Input for external measurement clock
15
DAT
Output of multiplexed ΣΔ signal. Output of current ΣΔ signal
16
DATn
Output of inverted multiplexed ΣΔ signal. Output of voltage
ΣΔ signal
17
GND
Ground level for signals and pin protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com