Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STPMS2
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STPMS2 Datasheet HTML 23Page - STMicroelectronics STPMS2 Datasheet HTML 24Page - STMicroelectronics STPMS2 Datasheet HTML 25Page - STMicroelectronics STPMS2 Datasheet HTML 26Page - STMicroelectronics STPMS2 Datasheet HTML 27Page - STMicroelectronics STPMS2 Datasheet HTML 28Page - STMicroelectronics STPMS2 Datasheet HTML 29Page - STMicroelectronics STPMS2 Datasheet HTML 30Page - STMicroelectronics STPMS2 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
STPMS2
Theory of operation
DocID16525 Rev 5
27/36
Hard
mode
Soft
mode
Internal
signal
Description
1
CFG[15]
ECHPHFC
High frequency chopper of current modulator enable:
ECHPHFC=0: HFC disabled ECHPHFC=1: HFC enabled
1
CFG[16]
NC
HFC of current channel frequency selector. See Table 17:
"NC[2:0]" for details
1
CFG[17]
0
CFG[18]
1
CFG[19]
ECHPLFV
Low frequency chopper of voltage modulator enable:
ECHPLFV=0: LFV disabled ECHPLFV=1: LFV enabled
1
CFG[20]
MV
LFC of voltage channel frequency selector. See Table 18:
"MV[2:0]" for details
0
CFG[21]
0
CFG[22]
1
CFG[23]
ECHPHFV
High frequency chopper of voltage modulator enable:
ECHPHFC=0: HFV disabled ECHPHFC=1: HFV enabled
1
CFG[24]
NV
HFC of voltage channel frequency selector.
See Table 19: "NV[2:0]" for details
1
CFG[25]
0
CFG[26]
1
CFG[27]
EPRSC
Current modulator pseudo random signals enable:
EPRSC=0: PRSC disabled EPRSC=1: PRSC enabled
1
CFG[28]
EPRSV
Voltage modulator pseudo random signals enable:
EPRSV=0: PRSV disabled EPRSV=1: PRSV enabled
0
CFG[29]
-
Reserved
0
CFG[30]
-
Reserved
0
CFG[31]
-
Reserved
0
CFG[32]
DTMC
DAT and DAT output signal selector. See Table 20:
"DTMC[5:0]" for details
0
CFG[33]
0
CFG[34]
0
CFG[35]
0
CFG[36]
0
CFG[37]
0
CFG[38]
-
Reserved
0
CFG[39]
-
Reserved
Table 14: EBISTC
EBISTC
Frequency output
0
0
1
CLK/215 x LFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com