Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPMS2
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPMS2 Datasheet HTML 9Page - STMicroelectronics STPMS2 Datasheet HTML 10Page - STMicroelectronics STPMS2 Datasheet HTML 11Page - STMicroelectronics STPMS2 Datasheet HTML 12Page - STMicroelectronics STPMS2 Datasheet HTML 13Page - STMicroelectronics STPMS2 Datasheet HTML 14Page - STMicroelectronics STPMS2 Datasheet HTML 15Page - STMicroelectronics STPMS2 Datasheet HTML 16Page - STMicroelectronics STPMS2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
STPMS2
Applications
DocID16525 Rev 5
13/36
6
Applications
The choice of external components is a crucial point in the application design, affecting the
precision and the resolution of the entire system. Among the several considerations, a
compromise should be found among the following requirements:
1.
Maximize the signal-to-noise ratio in the voltage and current channel.
2.
Choose the current-to-voltage conversion ratio kS and the voltage divider ratio so that
calibration can be achieved.
3.
Choose kS to take advantage of the whole current dynamic range in accordance with
the desired maximum current and resolution.
To maximize the signal-to-noise ratio of the current channel, the voltage divider resistor
ratio should be as close as possible to those shown in Table 6. Figure 4 below provides a
reference application schematic diagram:
P = 64000 imp/kWh
INOM = 5 A
IMAX = 60 A
Typical sensitivity values for the current sensors are indicated in Table 6: "Recommended
external components in metering applications".
Figure 4: Detailed application schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com