Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPMS2
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPMS2 Datasheet HTML 5Page - STMicroelectronics STPMS2 Datasheet HTML 6Page - STMicroelectronics STPMS2 Datasheet HTML 7Page - STMicroelectronics STPMS2 Datasheet HTML 8Page - STMicroelectronics STPMS2 Datasheet HTML 9Page - STMicroelectronics STPMS2 Datasheet HTML 10Page - STMicroelectronics STPMS2 Datasheet HTML 11Page - STMicroelectronics STPMS2 Datasheet HTML 12Page - STMicroelectronics STPMS2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
STPMS2
Electrical characteristics
DocID16525 Rev 5
9/36
5
Electrical characteristics
VCC = 5 V, TAMB = 25 °C, 1 µF between VCC, VDDa, VDDAc, VDDav and GND, 100 nF
between VBG and GND, fCLK = 4.19 MHz unless otherwise specified.
Table 5: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VCC
Operating supply
voltage
3.135
5.25
V
ICC
Quiescent
current
LP, 1.229 MHz; VCC = 3.3 V;
CL = 100 nF; no loads
1.2
1.5
mA
HP, 4.915 MHz; VCC = 3.2 V;
CL =100 nF; no loads
4
5
VPOR
Power-on-reset
on VCC
2.5
V
VDD
Regulated supply
voltage
1.049 MHz; VCC = 3.2 V;
CL = 100 nF; no loads
2.95
3.00
3.05
V
ILATCH
Current injection
latch-up immunity
300
mA
fBW
Effective
bandwidth
Limited by chopper
0
4091
Hz
DC measurement accuracy
Resolution
11
16
Bit
INL
Integral non
linearity
Result referred to a 16-bit word
of CIP-CIN channel, HP mode,
fCLK = 2.047 MHz
3.3
LSB
Result referred to a 12-bit word
of VIP-VIN channel, HP mode,
fCLK = 2.047 MHz
3.9
DNL
Differential
linearity
Result referred to a 16-bit word
of CIP-CIN channel, HP mode,
fCLK = 2.047 MHz
0.3
LSB
Result referred to a 12-bit word
of VIP-VIN channel, HP mode,
fCLK = 2.047 MHz
0.5
Offset error
Result referred to a 16-bit word
of CIP-CIN channel, HP mode,
fCLK = 2.047 MHz
0.02
LSB
Result referred to a 12 bit-word
of VIP-VIN channel, HP mode,
fCLK = 2.047 MHz
0.005
Gain error
Result referred to a 16-bit word
of CIP-CIN channel, HP mode,
fCLK = 2.047 MHz
0.04
0.4
LSB/uV
Result referred to a 12-bit word
of VIP-VIN channel, HP mode,
fCLK = 2.047 MHz
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com