Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPMS2
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPMS2 Datasheet HTML 21Page - STMicroelectronics STPMS2 Datasheet HTML 22Page - STMicroelectronics STPMS2 Datasheet HTML 23Page - STMicroelectronics STPMS2 Datasheet HTML 24Page - STMicroelectronics STPMS2 Datasheet HTML 25Page - STMicroelectronics STPMS2 Datasheet HTML 26Page - STMicroelectronics STPMS2 Datasheet HTML 27Page - STMicroelectronics STPMS2 Datasheet HTML 28Page - STMicroelectronics STPMS2 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
STPMS2
Theory of operation
DocID16525 Rev 5
25/36
Table 9: TC of the bandgap reference
MS1
Mode
Description
GND
0
TC = 50 ppm/°C
CLK
1
TC = -140 ppm/°C
NCLK
2
TC = 130 ppm/°C
VCC
3
TC = -40 ppm/°C
MS2 defines the outputs of the device. The STPMS2 sends the sigma-delta stream
synchronous to the CLK signal. The output mode can be configured according to Table 10:
"Control of voltage channel and output signals" as follows:
Sigma-delta stream of the output current channel on DAT and the sigma-delta stream
of the voltage channel on DATn.
Output multiplexed signals, so when CLK = 0, the current channel output sigma-delta
value is set on the DAT pin, and when CLK = 1, the voltage channel output sigma-
delta value is set on the DAT pin. The DATn pin tracks DAT, so DATn = ~DAT.
Sigma-delta stream of the output current channel on DAT and the sigma-delta stream
of the current channel negated on DATn.
Table 10: Control of voltage channel and output signals
MS2
Mode
Description
GND
0
Voltage channel ON, DATn = ~ [DAT =(CLK) ? bsV : bsC)]
CLK
1
Voltage channel OFF, DATn = bsCn, DAT = bsC
NCLK
2
Voltage channel OFF, DATn = bsCn, DAT = bsC
VCC
3
Voltage channel ON, DATn = bsC, DAT = bsV
MS3 enables or disables the BIST DAC output levels. If enabled (MS3=VCC), the input of
the modulators, disconnected from VIP pin, VIN, CIP and CIN, and connected to the output
of BIST DAC, generates 2 different levels appropriately adjusted for the current channel
300 mV / 37.5 mV depending on gain settings 2/16, while for the voltage channel, 300 mV
is used. This mode is used as auto diagnostic methodology of good behavior of the two
modulators. When disabled (MS3=GND), the input of the modulators comes from pins VIP,
VIN, CIP and CIN. This is the normal operating condition.
Table 11: Selection of hard, soft or test mode and enable of BIST
MS3
Mode
Description
GND
0
Hard mode, BIST mode OFF
CLK
1
Soft mode
NCLK
2
Reserved
VCC
3
Hard mode, BIST mode ON
9.5
Soft mode
The STPMS2 switches to soft mode when MS3 is connected to CLK. In soft mode, input
pins (MS0, MS1 and MS2) control the serial communication port, as described in Table 12:
"Pins for SPI communication". All settings of the 40 internal configuration bits can be
changed. The old values remain in the registers until they are overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com