Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPMS2
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPMS2 Datasheet HTML 7Page - STMicroelectronics STPMS2 Datasheet HTML 8Page - STMicroelectronics STPMS2 Datasheet HTML 9Page - STMicroelectronics STPMS2 Datasheet HTML 10Page - STMicroelectronics STPMS2 Datasheet HTML 11Page - STMicroelectronics STPMS2 Datasheet HTML 12Page - STMicroelectronics STPMS2 Datasheet HTML 13Page - STMicroelectronics STPMS2 Datasheet HTML 14Page - STMicroelectronics STPMS2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
STPMS2
Electrical characteristics
DocID16525 Rev 5
11/36
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Voff
Amplifier offset
±20
mV
ZIP
VIP, VIN
impedance
Over total operating voltage
range
100
400
ZIN
CIP, CIN
impedance
Over total operating voltage
range
35
50
GERR
Gain error of
current channels
±10
%
IILV
Voltage channel
leakage current
VCC = 5.25 V, fCLK = 4.19 MHz
-1
1
μA
IILI
Current channel
leakage current
VCC = 5.25 V, fCLK = 4.19 MHz
-1
1
μA
VCC = 5.25 V, fCLK = 4.19 MHz
input enabled
-10
10
μA
Crosstalk
between
channels
130
dB
Digital I/O (CLK, DAT, DATN, MS0, MS1, MS2, MS3)
VIH
Input high
voltage
0.75 VCC
5.3
V
VIL
Input low voltage
-0.3
0.25 VCC
V
VOH
Output high
voltage
IO = -1 mA, CL = 50 pF,
VCC = 3.2 V
VCC-0.4
V
VOL
Output low
voltage
IO = +1 mA, CL = 50 pF,
VCC = 3.2 V
0.4
V
IUP
Pull-up current
15
μA
tTR
Transition time
CLOAD = 50 pF
10
ns
tL
Latency
From 50% of CLK to 50% to DAT
40
ns
Clock input
fCLK
Nominal
frequencies
Low precision mode
1.0
1.228
MHz
High precision mode
2.0
2.458
High precision mode
4.0
4.915
On-chip reference voltage
VREF
Reference
voltage
1.21
1.23
1.25
V
Zout
Output
impedance
30
200
IL
Maximum load
current
0
μA
TC
Temperature
coefficient
After calibration
30
50
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com