Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STPMS2
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STPMS2 Datasheet HTML 20Page - STMicroelectronics STPMS2 Datasheet HTML 21Page - STMicroelectronics STPMS2 Datasheet HTML 22Page - STMicroelectronics STPMS2 Datasheet HTML 23Page - STMicroelectronics STPMS2 Datasheet HTML 24Page - STMicroelectronics STPMS2 Datasheet HTML 25Page - STMicroelectronics STPMS2 Datasheet HTML 26Page - STMicroelectronics STPMS2 Datasheet HTML 27Page - STMicroelectronics STPMS2 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Theory of operation
STPMS2
24/36
DocID16525 Rev 5
Synchro
In synchro block the synchronization of sigma-delta input streams with strobe signals from
analog part and clock signal is performed.
Mux
In the mux block signals, connected to output pins DAT and DATn, are selected. In hard
mode, the output signals are selected by input pin MS2. In soft mode, the output signals
are selected by 8 configuration bits.
9.4
Hard mode
The STPMS2 works in hard mode when input pin MS3 is connected to GND or VCC, as
described in Table 11. In hard mode, the STPMS2 has four digital input pins (MS0, MS1,
MS2 and MS3) to configure the basic operating parameters:
BIST DAC enable
Temperature curve of reference voltage
Current and voltage channel settings
Output mode settings
In this manner, 128 different combinations are available and they are controlled by MS0,
MS1, MS2 and MS3 pins. MS0 sets the operating mode and amplifier gain selection as
described in Table 8: "Precision mode and input amplifier gain selection" .
MS0 = GND or CLK to select LPR (low precision); fCLK = 1 MHz is the typical input
clock frequency and low power mode is selected.
MS0 = NCLK or VCC to select HPR (high precision); fCLK = 2 or 4 MHz are the typical
input clock frequencies and accuracy is enhanced.
The relative gain of the current channel is selectable between 2 or 16, which defines the
maximum differential voltage on the current channel to ± 300 mV or ± 37.5 mV,
respectively. The voltage channel gain setting is fixed at 2, which defines the maximum
differential voltage on the voltage channel inputs to ± 300 mV.
Table 8: Precision mode and input amplifier gain selection
MS0
Mode
Description
GND
0
LPR, amplifier GAIN selection g3 = 16
CLK
1
LPR, amplifier GAIN selection g0 = 2
NCLK
2
HPR, amplifier GAIN selection g0 = 2
VCC
3
HPR, amplifier GAIN selection g3 = 16
MS1 defines the temperature compensation (TC) curve of the internal voltage reference of
the STPMS2, as described in Table 9: "TC of the bandgap reference" (characterized by
application). The temperature-compensated reference voltage generator produces VREF =
1.23 V. This generator is implemented as a bandgap generator, whose temperature
compensation curve can be selected by MS1 configuration pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com