Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPMS2
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPMS2 Datasheet HTML 19Page - STMicroelectronics STPMS2 Datasheet HTML 20Page - STMicroelectronics STPMS2 Datasheet HTML 21Page - STMicroelectronics STPMS2 Datasheet HTML 22Page - STMicroelectronics STPMS2 Datasheet HTML 23Page - STMicroelectronics STPMS2 Datasheet HTML 24Page - STMicroelectronics STPMS2 Datasheet HTML 25Page - STMicroelectronics STPMS2 Datasheet HTML 26Page - STMicroelectronics STPMS2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
STPMS2
Theory of operation
DocID16525 Rev 5
23/36
Figure 19: Block diagram and definition of DFE digital signals
9.3.1
Decoder for different modes of operations
The decoder defines the operating mode according to the state of the bootstrap MS0, MS1,
MS2 and MS3 pins. Two different operational modes can be defined:
Hard mode: in this case the device configuration is bootstrapped at startup and signals
come from VIN and VIP for voltage channels, and CIP and CIN for current channels or
from internal BIST DAC.
Soft mode: in this mode all possible settings from hard mode are accessible, as well
as additional settings such as dither and chopper signal frequencies and operation.
9.3.2
Generator for clock frequency
Chopper and BIST frequency generator
The chopper block generates the chopper frequencies and BIST signals for the voltage
and current channels. The BIST DAC output levels are appropriately adjusted for the
current channel according to the gain selection, while for the voltage channel the max. DC
voltage is used. The levels are 300 mV for the voltage channel and 300 mV / 150 mV / 75
mV / 37.5 mV for the current channel, in accordance with gain settings 2/4/8/16,
respectively in soft mode, while 300 mV / 37.5 mV based on gain settings 2/16 in hard
mode.
Pseudo random
The pseudo random block generates pseudo random signals for the voltage and current
channels. These random signals are used to implement a dithering technique to
decorrelate the output of the modulators and avoid accumulation points on the frequency
spectrum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com