Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87415 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 17Page - National Semiconductor (TI) PC87415 Datasheet HTML 18Page - National Semiconductor (TI) PC87415 Datasheet HTML 19Page - National Semiconductor (TI) PC87415 Datasheet HTML 20Page - National Semiconductor (TI) PC87415 Datasheet HTML 21Page - National Semiconductor (TI) PC87415 Datasheet HTML 22Page - National Semiconductor (TI) PC87415 Datasheet HTML 23Page - National Semiconductor (TI) PC87415 Datasheet HTML 24Page - National Semiconductor (TI) PC87415 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
70 Functional Description (Continued)
7313 PIO Single Sector Writes
This class includes the following commands
Format
Write buffer
Write Sector(s)
Execution includes the transfer of one or more sectors of
data from the CPU to the drive
a The CPU writes any required parameters to the Features
Sector Count Sector Number Cylinder and DriveHead
registers
b The CPU writes the command code to the Command
Register
c The CPU polls the drive to see if the drive is ready (DRQ
is set in the drive Status Register)
d The CPU writes one sector of data via the Data Register
e When the drive has completed processing the sector it
generates an interrupt request
f After detecting the interrupt the CPU reads the Status
Register In response to the Status Register being read
the drive clears the interrupt request
g If transfer of another sector is required the above se-
quence is repeated from c
TLF12497 – 5
7314 PIO Block Mode Writes
This class includes the following command
Write multiple
Execution includes the transfer of a block of sectors of data
from the CPU to the drive
a The CPU writes any required parameters to the Features
Sector Count Sector Number Cylinder and DriveHead
registers
b The CPU writes the command code to the Command
Register
c The CPU polls the drive to see if the drive is ready (DRQ
is set in the drive Status Register)
d The CPU writes one block of sectors of data via the Data
Register
e When the drive has completed processing the block of
sectors it generates an interrupt request
f After detecting the interrupt the CPU reads the Status
Register In response to the Status Register being read
the drive clears the interrupt request
g If transfer of another block of sectors is required the
above sequence is repeated from c
TLF12497 – 6
http
www nationalcom
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com