Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87415 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87415 Datasheet HTML 1Page - National Semiconductor (TI) PC87415 Datasheet HTML 2Page - National Semiconductor (TI) PC87415 Datasheet HTML 3Page - National Semiconductor (TI) PC87415 Datasheet HTML 4Page - National Semiconductor (TI) PC87415 Datasheet HTML 5Page - National Semiconductor (TI) PC87415 Datasheet HTML 6Page - National Semiconductor (TI) PC87415 Datasheet HTML 7Page - National Semiconductor (TI) PC87415 Datasheet HTML 8Page - National Semiconductor (TI) PC87415 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Table of Contents
10 GENERAL DESCRIPTION
20 FEATURES
30 SYSTEM DIAGRAM
40 PIN DESCRIPTION
41 PCI Interface
42 IDE Interface
43 Power Control
44 Power and Ground
45 Pinout
50 CONFIGURATION REGISTERS
60 BUS MASTER IDE CONTROL AND STATUS
REGISTERS
70 FUNCTIONAL DESCRIPTION
71 PCI Interface
711 Commands
712 Termination
7121 Target Abort in Target Mode
7122 Retry in Target Mode
7123 Target Abort in Master Mode
7124 Retry in Master Mode
7125 Disconnect in Master Mode
7126 Master Abort in Master Mode
72 Data Buffers
721 Write Posting
722 Prefetch
723 Two Channel Buffer Protocol
73 IDE Interface
731 IDE Protocol
7311 PIO Single Sector Reads
7312 PIO Block Mode Reads
7313 PIO Single Sector Writes
7314 PIO Block Mode Writes
7315 DMA Mode
732 Independent Timing per Drive
733 Flow Control
7331 PIO
73311 IORDY
73312 Pseudo DMA
7332 DMA
734 Interrupt Routing
735 Prefetching
736 LegacyNative Mapping Scheme
70 FUNCTIONAL DESCRIPTION
(Continued)
74 DMA Controller
741 DMA Engine
7411 Alignment
742 DMA Engine Protocol
7421 Scenario 1
74211 Bus Master Writes
74212 Bus Master Reads
7422 Scenario 2
74221 Bus Master Writes
74222 Bus Master Reads
7423 Scenario 3
74231 Bus Master Writes
74232 Bus Master Reads
7424 PCI Bus Request
74241 PCI Master Reads
74242 PCI Master Writes
743 Master Aborts
744 Target Aborts
745 Data Synchronization
7451 Normal
7452 Byte Count is Less than IDE transfer
size
7453 Byte Count is Greater than IDE transfer
size
7454 Transfer in Progress
746 Bus Master Programming Sequence
80 ELECTRICAL CHARACTERISTICS
81 Absolute Maximum Ratings
82 Recommended Operating Conditions
83 DC Electrical Characteristics
84 AC Timing Specifications
841 PCI Timing Specifications
842 ATAIDE Timing Specifications
843 Configuration Register Read Cycles
844 Configuration Register Write Cycles
845 Prefetch Cycles (Read Buffer Empty)
846 Prefetch Cycles (Read Buffer Not Empty)
847 Posted Write Cycles (Medium Decode)
848 Posted Write Cycles (Fast Decode)
849 IDE Non Data Read Cycles
8410 IDE Non Data Write Cycles
8411 DMA Cycles
90 APPLICATION INFORMATION
91 Power Control for IDE Drives
92 Native Mode Interrupt Support
93 DMA Bus Master Control Status Register
100 ERRATA
101 Target Mode
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com