Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87415 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 7Page - National Semiconductor (TI) PC87415 Datasheet HTML 8Page - National Semiconductor (TI) PC87415 Datasheet HTML 9Page - National Semiconductor (TI) PC87415 Datasheet HTML 10Page - National Semiconductor (TI) PC87415 Datasheet HTML 11Page - National Semiconductor (TI) PC87415 Datasheet HTML 12Page - National Semiconductor (TI) PC87415 Datasheet HTML 13Page - National Semiconductor (TI) PC87415 Datasheet HTML 14Page - National Semiconductor (TI) PC87415 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
50 Configuration Registers (Continued)
Reg
RW
Description
(HEX)
40 – 42
RW
CONTROL REGISTER (CTRL)
Default value is 00000000h (after Reset)
Bit 0 Reserved
Bit 1 0 (Always) Reserved
Bit 2 0 e Software reset to CH1CH2 off
1 e Software reset to CH1CH2 on
Bit 3 0 e IDE
PWR set on
1 e IDE
PWR set off
Note
Bit 18 must be set to ‘‘1’’ to allow Bit 3 to toggle IDE
PWR
B18
B3
IDE
PWR
0
X
1 (Default at power up reset)
1
0
1 (IDE
PWR set to on)
1
1
0 (IDE
PWR set to off)
( ) Asserted for t
25 s
Bit 4 0 e Map CH1
INT according to legacynative mapping scheme
1 e Map CH1
INT to INTA regardless if in legacy mode
Bit 5 0 e Map CH2
INT according to legacynative mapping scheme
1 e Map CH2
INT to INTA regardless if in legacy mode
Bit 6 0 e INTA
unmasked
1 e INTA
masked
Bit 7 0 e Write to vendor ID and device ID registers disabled
1 e Write to vendor ID and device ID registers enabled
Bit 8 0 e Channel 1 interrupt unmasked
1 e Channel 1 interrupt masked
Bit 9 0 e Channel 2 interrupt unmasked
1 e Channel 2 interrupt masked
Bit 10 0 e PCI Base Address Register 2 and 3 enabled
1 e PCI Base Address Register 2 and 3 disabled
Bit 11 0 e PCI data phase WATCHDOGTM timer disabled
1 e PCI data phase WATCHDOG timer enabled
http
www nationalcom
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com