Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87415 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 34Page - National Semiconductor (TI) PC87415 Datasheet HTML 35Page - National Semiconductor (TI) PC87415 Datasheet HTML 36Page - National Semiconductor (TI) PC87415 Datasheet HTML 37Page - National Semiconductor (TI) PC87415 Datasheet HTML 38Page - National Semiconductor (TI) PC87415 Datasheet HTML 39Page - National Semiconductor (TI) PC87415 Datasheet HTML 40Page - National Semiconductor (TI) PC87415 Datasheet HTML 41Page - National Semiconductor (TI) PC87415 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
90 Application Information
91 POWER CONTROL FOR IDE DRIVES
The IDE
PWR pin may be programmed ON or OFF using
bits in the CONTROL REGISTER to allow external transis-
tors to switch power to the IDE power connectors and ca-
bles This feature is useful or ‘‘Green-PC’s’’ and notebook
computers which need to minimize power consumption
At power on as the power supply rises to 5V the IDE
PWR
pin assumes a default logic 1 state After reset the default
value of the control register is 00000000h meaning that you
have to set bit 18 e 1 to define the pin to be operating
under IDE
PWR ONOFF control using bit 3 This will re-
sult in power to the IDE peripheral being turned on after
power up but even as bit 18 is changed froma0toa1 due
to the reversed control polarity used by bit 3 the output
level of this pin will remain at a logic 1 In order to ‘’turn-off’’
the VCC supply to the IDE connectors it is necessary to
program bit 3 to a 1 which sets the output level of the pin to
a logic 0 To turn the VCC supply to the IDE connectors
‘‘back-on’’ set bit 3 to a 0 which will in turn set the output pin
to a logic 1
The table below shows the various bit settings and resulting
output level for the operation of IDE
PWR pin at different
instances in time t
TLF12497 – 36
t0
t1
t2
t3
Comment
Bit 18
0111
Bit 1
0
0
X
X
After bit 18 is set to a 1 bit 1
becomes a don’t-care
Bit 2
0000
Bit 2 is always set to a 0
Bit 3
0010
Bit 3 used to turn ON and
OFF the VCC control to the
IDE connectors
Mode
Default Value at
Set pin as correct
Set bit 3 e 1 to
Set bit 3 e 0to
power up reset
mode to control
turn IDE
PWR to
turn IDE
PWR to
output pin IDE
logic 0 to set VCC
logic 1 to set VCC
PWR
OFF to IDE
ON to IDE
connectors
connectors
92 NATIVE MODE INTERRUPT SUPPORT
The PC87415 can be configured in either legacy mode or
native mode In Legacy mode it routes its interrupts to the
ISA Bus (‘‘IRQ14’’ for Channel 1 and ‘‘IRQ15’’ for Channel
2)
The PC87415 can be set up to power-up and function in
Native Mode by following the procedure outlined below
1 The PC87425 ‘‘DA2’’ IO pin (pin
63) must be pulled
high through a 10 kX resistor The state of the ‘‘DA2’’
input (LEGACY ) upon ‘‘RESET’’ transitioning high will
be loaded into the PCI Configuration Space Register
9
(Programming Interface Register PIF) The pull-up Re-
sistor on pin ‘‘DA2’’ will cause a logic ‘‘1’’ to be pro-
grammed into bits 0 and 2 of the PIF register thus con-
figuring the PC87415 to be in Native Mode and respond
to accesses in Base Address Register 0 and 1 for Chan-
nel 1 and BAR 2 and 3 for Channel 2
2 The circuit board should route the PC87415 interrupt to
the PCI Bus INTA
The BIOS or system must be able to
route the PCI INTA
input to an appropriate IRQ vector
3 The BIOS must be able to program the PC87415 PCI
Configuration Space ‘‘Base Address Registers 0 – 3 and
4’’
Given the above steps the PC87415 will be able to operate
in 16-bit PIO Mode 0 In order to access the higher perform-
ance possible in the PC87415 the BIOS or Driver must be
able to access the PCI Configuration Space above 3FH
The Control and Timing registers allow the driver or BIOS to
program the PC87415 in higher performance PIO modes
and use full 32-bit PCI accesses and the internal FIFO’s of
the device Lastly the driver must allow accessing through
the PC87415 PCI Configuration Base Address Register
4
to enable the DMA capabilities of the chip (same as Legacy
Mode Driver)
The PC87415 and the drivers supplied with it fully support
legacy mode The Windows 95 and Windows NT drivers
also support native mode operation
Level vs Edge Sensitive Interrupts
To be in conformance with the PCI specification the PC
motherboard chipsets should be able to handle ‘‘Level Sen-
sitive Interrupts’’ However some older chipsets do not cor
rectly handle Level Sensitive Interrupts particularly in the
instance where the PCI Interrupt pin (INTA ) may be as-
serted and several interrupts are pending via this pin
For those older chipsets which do not correctly handle level
sensitive interrupts the system designer needs to use an
external logic solution such as a GAL programmable logic
device to guarantee generating an edge for each Interrupt
that is pending The GAL should monitor all the interrupts
that are tied to a singular PCI Interrupt pin and the PC87415
INTA
output The GAL also monitors the PC87415 INTA
output and generates its own version of INTA
to the PCI
bus
http
www nationalcom
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com