Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87415 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 14Page - National Semiconductor (TI) PC87415 Datasheet HTML 15Page - National Semiconductor (TI) PC87415 Datasheet HTML 16Page - National Semiconductor (TI) PC87415 Datasheet HTML 17Page - National Semiconductor (TI) PC87415 Datasheet HTML 18Page - National Semiconductor (TI) PC87415 Datasheet HTML 19Page - National Semiconductor (TI) PC87415 Datasheet HTML 20Page - National Semiconductor (TI) PC87415 Datasheet HTML 21Page - National Semiconductor (TI) PC87415 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
60 Bus Master IDE Control and Status Registers (Continued)
Offset from
RW
Description
BAR4
09
RESERVED
0A
RW
CHANNEL 2 BUS MASTER IDE STATUS REGISTER
Writes to this register cause bit(s) to be reset Bits 1
and 2 are reset whenever the register is written with a ‘‘1’’ in the corresponding bit location Default value is
00h
Bit 0 Bus Master IDE Active This bit is set when the Start bit is written to the Bus Master IDE Command
Register This bit is cleared when the last transfer for a region is performed where the EOT for that
region is set in the region descriptor It is also cleared when the Start bit is cleared in the Bus Master
IDE Command Register
Bit 1 Error This bit is set when the controller encounters an error in transferring data tofrom memory This
bit is cleared whena1is written to it by software
Bit 2 Interrupt This bit is set by the rising edge of CH2
INT This bit is cleared whena1is written to it by
software
Bit 3 – 4 Reserved
Bit 5 Drive 1 DMA Capable Bus Master IDE transfers to drive 1 on channel 2 are qualified by this bit
0 Drive 1 is not DMA capable
1 Drive 1 is DMA capable
Bit 6 Drive 2 DMA Capable Bus Master IDE transfers to drive 2 on channel 2 are qualified by this bit
0 Drive 2 is not DMA capable
1 Drive 2 is DMA capable
Bit 7 Simplex only This read-only bit is always 0 indicating that both channels can operate independently
and can be used at the same time
0B
Reserved
0C-0F
RW
CHANNEL 2 BUS MASTER IDE PRD TABLE ADDRESS
Default value is 00000000h
Bit 0 – 1 Reserved
Bit 2 – 31 Base address of channel 2 Descriptor table Corresponds to AD 312
http
www nationalcom
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com