Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87415 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 22Page - National Semiconductor (TI) PC87415 Datasheet HTML 23Page - National Semiconductor (TI) PC87415 Datasheet HTML 24Page - National Semiconductor (TI) PC87415 Datasheet HTML 25Page - National Semiconductor (TI) PC87415 Datasheet HTML 26Page - National Semiconductor (TI) PC87415 Datasheet HTML 27Page - National Semiconductor (TI) PC87415 Datasheet HTML 28Page - National Semiconductor (TI) PC87415 Datasheet HTML 29Page - National Semiconductor (TI) PC87415 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
70 Functional Description (Continued)
74212 Bus Master Reads
The device arbitrates onto the bus and waits for a grant
When the bus is granted the device reads the descriptor
from system memory and loads the address pointer and
byte count It then begins to read data from system memory
and buffering it in the posted write buffers until the buffer is
full When the buffer is full the device will release the PCI
bus When the device sees data in the buffer it begins to
write to the drive The device will request the PCI bus when-
ever the posted write buffer is either empty or half full If the
posted write buffer is empty (initial condition or due to an-
other master on the PCI bus) then the device reads in 4
Dwords from memory filling the buffers If the posted write
buffer is half full then the device reads in 2 Dwords from
memory filling the buffers When the byte count is 0 and it
was the last descriptor (EOT is 1) the device relinquishes
the bus (after the write FIFO is filled) while the write buffers
are being emptied out onto the IDE bus If it wasn’t the last
descriptor (EOT is 0) the device reads the new descriptor
from memory while the device is writing out to the drive the
contents of the write buffers
Figure 6 shows the DMA flow
The total PCI bus utilization for this type of transfer can be
calculated by the following equation
Bus Utilization e ARB a(Read Descriptor) a Tr a 3 Trb
a
255
ARB a Tr a Trb
Where
ARB e number of clocks for arbitration
Read Descriptor e number of clocks to read descriptors
from system memory
Tr e number of clocks for first non burst read
Trb e number of clocks for read burst
TLF12497 – 31
FIGURE 6 Bus Master ReadsScenario 1
7422 Scenario 2
The device requests the bus and no one else is on the bus
(the bus is idle) While the transfer takes place another
master requests the bus The latency timer is set to 2 ms
74221 Bus Master Writes
The device arbitrates for the PCI bus and at the same time
begins reading the data from the drive and filling the pre-
fetch buffers After the bus is granted the device reads the
descriptor from memory loads the address pointer and byte
count and then releases the bus When the prefetch buffer
is half full the device arbitrates onto the PCI bus and starts
writing out the prefetch data (2 Dwords) out onto the PCI
bus When the prefetch buffer is emptied onto the PCI bus
the device releases the PCI bus If another device becomes
a bus master while the device is writing out to memory the
device will continue prefetching data from the drive until the
prefetch buffers are full at which time it stops prefetching
The device continues to request the bus if the prefetch buff-
ers are full When it receives a grant the device writes out
the data (4 Dwords) from the prefetch buffers until the buffer
is empty When the prefetch buffer is empty and the byte
count is 0 and it was the last descriptor (EOT is 1) the
device relinquishes the bus If it wasn’t the last descriptor
(EOT is 0) the device continues prefetching from the drive
while reading the new descriptor from memory
Figure 7
shows the DMA flow
TLF12497 – 32
FIGURE 7 Bus Master WritesScenario 2
http
www nationalcom
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com