Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87415 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 4Page - National Semiconductor (TI) PC87415 Datasheet HTML 5Page - National Semiconductor (TI) PC87415 Datasheet HTML 6Page - National Semiconductor (TI) PC87415 Datasheet HTML 7Page - National Semiconductor (TI) PC87415 Datasheet HTML 8Page - National Semiconductor (TI) PC87415 Datasheet HTML 9Page - National Semiconductor (TI) PC87415 Datasheet HTML 10Page - National Semiconductor (TI) PC87415 Datasheet HTML 11Page - National Semiconductor (TI) PC87415 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
50 Configuration Registers
Reg
RW
Description
(HEX)
00 – 01
RW
VENDOR ID
100Bh
02 – 03
RW
DEVICE ID
0002h
04 – 05
RW
COMMAND REGISTER (CMD)
The command register provides coarse control over the device’s ability to
generate and respond to PCI cycles
Bit 0 IO Space This bit is used to enable the device to respond to PCI IO cycles The default value is the
sampled value of the ENABLE pin (sampled on the rising edge of RST )
0 Device is disabled
1 Device is enabled
Bit 1 Not used 0 during reads
Bit 2 Bus Master Controls the device’s ability to act as a master on the PCI bus
0 Device cannot be bus master This will disable all DMA operations even if internal DMA is enabled
(default value)
1 Device can become a bus master If this bit is set and internal DMA is enabled then the device can
become a bus master
Bit 3 – 5 Not used 000 during reads
Bit 6 Parity Error (PERR ) response
0 Ignore parity error (default)
1 Respond to parity error
Bit 7 Not used 0 during reads
Bit 8 System Error (SERR ) response
0 Disable system error checking (default)
1 Enable system error checking
Bit 9 Not used 0 during reads Fast back-to-back transactions to same agent
Bit 10 – 15 Not used 000000 during reads
06 – 07
RW
STATUS REGISTER (SR)
The status register is used to record status information for PCI bus related events
Reads to this register behave normally Writes to this register cause bit(s) to be reset A bit is reset whenever the
register is written with a ‘‘1’’ in the corresponding bit location
Bit 0 – 6 Reserved
Bit 7 Always 0
Bit 8 Data Parity Detected
0 No parity detected
1 Parity detected
Bit 9 – 10 DEVSEL
timing
00 Reserved
01 Medium decode (default)
Bit 11 Signaled Target Abort
0 The device did not terminate a transaction with target abort
1 The device has terminated a transaction with target abort
Bit 12 Receive Target Abort
0 The device has not received a target abort
1 The device has received a target abort when it was a master
Bit 13 Received Master Abort
0 Transaction was not terminated with a master abort
1 Transaction has been terminated with a master abort
Bit 14 Signaled System Error (SERR )
0 System error was not signaled
1 System error was signaled
Bit 15 Detected Parity Error (PERR )
0 No parity error detected
1 Parity error detected
http
www nationalcom
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com