Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87415 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC87415 Datasheet HTML 1Page - National Semiconductor (TI) PC87415 Datasheet HTML 2Page - National Semiconductor (TI) PC87415 Datasheet HTML 3Page - National Semiconductor (TI) PC87415 Datasheet HTML 4Page - National Semiconductor (TI) PC87415 Datasheet HTML 5Page - National Semiconductor (TI) PC87415 Datasheet HTML 6Page - National Semiconductor (TI) PC87415 Datasheet HTML 7Page - National Semiconductor (TI) PC87415 Datasheet HTML 8Page - National Semiconductor (TI) PC87415 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
40 Pin Description
41 PCI INTERFACE
Name
Type
Description
AD 310
IO
MULTIPLEXED ADDRESS AND DATA
The direction of these pins are defined below
Phase
Target
Bus Master
Address Phase
Input
Output
Data Phase
-Read
Output
Input
-Write
Input
Output
CBE 30
I
COMMANDBYTE ENABLE
are multiplexed Bus commands and Byte enables
PAR
IO
PARITY
is even parity across AD 310 and CBE 30 PAR is an input when AD 310 is an input it is an
output when AD 310 is an output
FRAME
I0
CYCLE FRAME
is driven by the initiator to indicate the beginning and duration of an access
TRDY
IO
TARGET READY
indicates that the current data phase of the transaction is ready to be completed
IRDY
IO
INITIATOR READY
indicates that the inltiator is ready to complete the current data phase of the transaction
STOP
O
STOP
indicates that the current target is requesting the initiator to stop the current transaction
DEVSEL
IO
DEVICE SELECT
when actively driven indicates the driving device has decoded its address as the target of
the current access
IDSEL
I
INITIALIZATION DEVICE SELECT
is used as a chip select during configuration read and write transactions
This input can be connected to one of the upper address lines AD 3111
PERR
IO
PARITY ERROR
is used for reporting data parity errors during all PCI transactions except a Special Cycle
PERR
is an output when AD 310 and PAR are inputs it is an input when AD 310 and PAR are outputs
SERR
O
SYSTEM ERROR
is used for reporting address parity errors data parity errors on the Special Cycle
command or any other system error where the result will be catastrophic When reporting address parity
errors SERR
is an output
INTA
O
INTERRUPT
Interrupt request A
REQ
O
REQUEST
indicates to the bus arbiter that this device wants to use the bus and become a bus master
GNT
I
GRANT
indicates to this device that access to the bus has been granted
CLK
I
CLOCK
33 MHz PCI Clock
RST
I
RESET
PCI Reset
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com