Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 5 Page - Analog Devices

  AD8331 Datasheet HTML 1Page - Analog Devices AD8331 Datasheet HTML 2Page - Analog Devices AD8331 Datasheet HTML 3Page - Analog Devices AD8331 Datasheet HTML 4Page - Analog Devices AD8331 Datasheet HTML 5Page - Analog Devices AD8331 Datasheet HTML 6Page - Analog Devices AD8331 Datasheet HTML 7Page - Analog Devices AD8331 Datasheet HTML 8Page - Analog Devices AD8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD8331/AD8332
Rev. C | Page 5 of 32
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT CLAMP INTERFACE
(Pin RCLMP; HI or LO Gain)
Accuracy
HILO = LO
RCLMP = 2.74 kΩ, VOUT = 1 V p-p (Clamped)
±50
mV
HILO = HI
RCLMP = 2.21 kΩ, VOUT = 1 V p-p (Clamped)
±75
mV
MODE INTERFACE
(Pin MODE)
Logic Level for Positive Gain Slope
0
1.0
V
Logic Level for Negative Gain Slope
2.25
5
V
Input Resistance
200
kΩ
POWER SUPPLY
(Pins VPS1, VPS2, VPSV, VPSL, VPOS)
Supply Voltage
4.5
5.0
5.5
V
Quiescent Current per Channel
25
mA
Power Dissipation per channel
No Signal
125
mW
Disable Current
AD8332 (VGA and LNA)
300
600
µA
AD8331 (VGA and LNA)
240
400
µA
AD8332 (ENBL)
Each Channel
12
mA
AD8332 (ENBV)
Each Channel
13
mA
AD8331 (ENBL)
11
mA
AD8331 (ENBV)
14
mA
PSRR
VGAIN = 0, f = 100 kHz
–68
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com