Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 4 Page - Analog Devices

  AD8331 Datasheet HTML 1Page - Analog Devices AD8331 Datasheet HTML 2Page - Analog Devices AD8331 Datasheet HTML 3Page - Analog Devices AD8331 Datasheet HTML 4Page - Analog Devices AD8331 Datasheet HTML 5Page - Analog Devices AD8331 Datasheet HTML 6Page - Analog Devices AD8331 Datasheet HTML 7Page - Analog Devices AD8331 Datasheet HTML 8Page - Analog Devices AD8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD8331/AD8332
Rev. C | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
Harmonic Distortion
VGAIN = 0.5 V, VOUT = 1 V p-p
HD2
–88
dBc
HD3
f = 1 MHz
–85
dBc
HD2
–68
dBc
HD3
f = 10 MHz
–65
dBc
Input 1 dB Compression Point
VGAIN = 0.25 V, VOUT = 1 V p-p, f = 1 MHz–10 MHz
7
dBm1
VGAIN = 0.72 V, VOUT = 1 V p-p, f = 1 MHz
–80
dBc
Two-Tone Intermodulation
Distortion (IMD3)
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 10 MHz
–72
dBc
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 1 MHz
38
dBm
Output Third Order Intercept
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 10 MHz
33
dBm
Channel-to-Channel Crosstalk
(AD8332)
VGAIN = 0.5 V, VOUT = 1 V p-p, f = 1 MHz
–84
dB
Overload Recovery
VGAIN = 1.0 V,
VIN = 50 mV p-p/1 V p-p,
f = 10 MHz
5
ns
Group Delay Variation
5 MHz < f < 50 MHz, Full Gain Range
±2
ns
ACCURACY
0.05 V < VGAIN < 0.10 V
–1
+0.5
+2
dB
0.10 V < VGAIN < 0.95 V
–1
±0.3
+1
dB
Absolute Gain Error2
0.95 V < VGAIN < 1.0 V
–2
–1
+1
dB
Gain Law Conformance3
0.1 V < VGAIN < 0.95 V
±0.2
dB
Channel-to-Channel Gain Matching
0.1 V < VGAIN < 0.95 V
±0.1
dB
GAIN CONTROL INTERFACE
(Pin GAIN)
Gain Scaling Factor
0.10 V < VGAIN < 0.95 V
50
dB/V
LO Gain
–4.5 to +43.5
dB
Gain Range
HI Gain
+7.5 to +55.5
dB
Input Voltage (VGAIN) Range
0 to 1.0
V
Input Impedance
10
MΩ
Response Time
48 dB Gain Change to 90% Full Scale
750
ns
COMMON-MODE INTERFACE
(Pin VCMn)
Input Resistance
Current Limited to ±1 mA
30
Ω
Output CM Offset Voltage
VCM = 2.5 V
–125
–25
+100
mV
Voltage Range
VOUT = 2.0 V p-p
1.5 to 3.5
V
ENABLE INTERFACE
(Pins ENB, ENBL, ENBV)
Logic Level to Enable Power
2.25
5
V
Logic Level to Disable Power
0
1.0
V
Pin ENB
25
kΩ
Pin ENBL
40
kΩ
Input Resistance
Pin ENBV
70
kΩ
VINH = 30 mV p-p
300
µs
Power-Up Response Time
VINH = 150 mV p-p
4
ms
HILO GAIN RANGE INTERFACE
(Pin HILO)
Logic Level to Select HI Gain Range
2.25
5
V
Logic Level to Select LO Gain Range
0
1.0
V
Input Resistance
50
kΩ
1 All dBm values are referred to 50 Ω, unless otherwise noted.
2 Conformance to theoretical gain expression (see Equation 1).
3 Conformance to best fit dB linear curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com