Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8331 Datasheet HTML 10Page - Analog Devices AD8331 Datasheet HTML 11Page - Analog Devices AD8331 Datasheet HTML 12Page - Analog Devices AD8331 Datasheet HTML 13Page - Analog Devices AD8331 Datasheet HTML 14Page - Analog Devices AD8331 Datasheet HTML 15Page - Analog Devices AD8331 Datasheet HTML 16Page - Analog Devices AD8331 Datasheet HTML 17Page - Analog Devices AD8331 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD8331/AD8332
Rev. C | Page 14 of 32
100
90
10
0
100ns
50mV
Figure 45. VGA Overdrive Recovery, VINH 4 mV p-p to 70 mV p-p Burst,
VGAIN = 1 V, VGA Output Shown Attenuated 24 dB
100
90
10
0
100ns
50mV
Figure 46. VGA Overdrive Recovery, VINH 4 mV p-p to 275 mV p-p Burst,
VGAIN = 1 V, VGA Output Shown Attenuated 24 dB
1ms
200mV
2V
Figure 47. Enable Response, Top: VENB, Bottom: VOUT, VINH = 30 mV p-p
1V
2V
1ms
Figure 48. Enable Response, Large Signal,
Top: VENB, Bottom: VOUT, VINH = 150 mV p-p
FREQUENCY (Hz)
1M
100k
100M
10M
–80
0
–10
–20
–30
–40
–50
–60
–70
VPS1, VGAIN = 0.5V
VPS1, VGAIN = 0V
VPSV, VGAIN = 0.5V
Figure 49. PSRR vs. Frequency (No Bypass Capacitor)
40
0
–40
40
45
50
55
60
20
–20
30
100
80
60
20
25
35
TEMPERATURE (
°C)
AD8331
AD8332
VGAIN = 0.5V
Figure 50. Quiescent Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com