Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 3 Page - Analog Devices

  AD8331 Datasheet HTML 1Page - Analog Devices AD8331 Datasheet HTML 2Page - Analog Devices AD8331 Datasheet HTML 3Page - Analog Devices AD8331 Datasheet HTML 4Page - Analog Devices AD8331 Datasheet HTML 5Page - Analog Devices AD8331 Datasheet HTML 6Page - Analog Devices AD8331 Datasheet HTML 7Page - Analog Devices AD8331 Datasheet HTML 8Page - Analog Devices AD8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD8331/AD8332
Rev. C | Page 3 of 32
AD8331, AD8332—SPECIFICATIONS
Table 1. TA = 25°C, VS = 5 V, RL = 500 Ω, RS = RIN = 50 Ω, RFB = 280 Ω, CSH = 22 pF, f = 10 MHz, RCLMP = ∞, CL = 1 pF,
VCM pin floating, –4.5 dB to +43.5 dB gain (HILO = LO), and differential output voltage, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
LNA CHARACTERISTICS
Single-Ended Input
to Differential Output
19
dB
Gain
Input to Output (Single-Ended)
13
dB
Input Voltage Range
AC-Coupled
±275
mV
RFB = 280 Ω
50
Ω
RFB = 412 Ω
75
Ω
RFB = 562 Ω
100
Ω
RFB = 1.13 kΩ
200
Ω
Input Resistance
RFB = ∞
6
kΩ
Input Capacitance
13
pF
Output Impedance
Single-Ended, Either Output
5
Ω
–3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
130
MHz
Slew Rate
650
V/µs
Input Voltage Noise
RS = 0 Ω, HI or LO Gain,
RFB = ∞, f = 5 MHz
0.74
nV/√Hz
Input Current Noise
RFB = ∞, HI or LO Gain, f = 5 MHz
2.5
pA/√Hz
Noise Figure
f = 10 MHz, LOP Output
Active Termination Match
RS = RIN = 50 Ω
3.7
dB
Unterminated
RS = 50 Ω, RFB = ∞
2.5
dB
Harmonic Distortion @ LOP1 or LOP2
HD2
–56
dBc
HD3
VOUT = 0.5 V p-p,
Single-Ended, f = 10 MHz
–70
dBc
Output Short-Circuit Current
Pins LON, LOP
165
mA
LNA + VGA CHARACTERISTICS
–3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
120
MHz
–3 dB Large Signal Bandwidth
VOUT = 2 V p-p
110
MHz
LO Gain
300
V/µs
Slew Rate
HI Gain
1200
V/µs
Input Voltage Noise
RS = 0 Ω, HI or LO Gain,
RFB = ∞, f = 5 MHz
0.82
nV/√Hz
Noise Figure
VGAIN = 1.0 V
RS = RIN = 50 Ω,
f = 10 MHz, Measured
4.15
dB
Active Termination Match
RS = RIN = 200 Ω,
f = 5 MHz, Simulated
2.0
dB
RS = 50 Ω, RFB = ∞,
f = 10 MHz, Measured
2.5
dB
Unterminated
RS = 200 Ω, RFB = ∞,
f = 5 MHz, Simulated
1.0
dB
VGAIN = 0.5 V, LO Gain
48
nV/√Hz
Output-Referred Noise
VGAIN = 0.5 V, HI Gain
178
nV/√Hz
Output Impedance, Postamplifier
DC to 1 MHz
1
Ω
Output Signal Range, Postamplifier
RL ≥ 500 Ω,
Unclamped, Either Pin
VCM ± 1.125
V
Differential
4.5
V p-p
Output Offset Voltage
Differential
–50
±5
+50
mV
Common-Mode
VGAIN = 0.5 V
–125
–25
+100
mV
Output Short-Circuit Current
45
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com