Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8331 Datasheet HTML 3Page - Analog Devices AD8331 Datasheet HTML 4Page - Analog Devices AD8331 Datasheet HTML 5Page - Analog Devices AD8331 Datasheet HTML 6Page - Analog Devices AD8331 Datasheet HTML 7Page - Analog Devices AD8331 Datasheet HTML 8Page - Analog Devices AD8331 Datasheet HTML 9Page - Analog Devices AD8331 Datasheet HTML 10Page - Analog Devices AD8331 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD8331/AD8332
Rev. C | Page 7 of 32
AD8331, AD8332—TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = 5 V, RL = 500 Ω, RS = RIN = 50 Ω, RFB = 280 Ω, CSH = 22 pF, f = 10 MHz, RCLMP = ∞, CL = 1 pF, VCM = 2.5 V,
–4.5 dB to +43.5 dB gain (HILO = LO), and differential signal voltage, unless otherwise specified.
0
0.2
VGAIN (V)
0.6
0.4
1.0
0.8
1.1
40
50
30
10
0
20
–10
60
MODE = HI
(AC PACKAGE
ONLY)
MODE = LO
HILO = LO
HILO = HI
Figure 3. Gain vs. VGAIN and MODE (MODE Available on AC Package)
0.5
1.0
2.0
1.5
00 .2
VGAIN (V)
0.6
0.4
0
–1.0
–1.5
–0.5
–2.0
1.0
0.8
1.1
–40°C
+85°C
+25°C
Figure 4. Absolute Gain Error vs. VGAIN at Three Temperatures
0.5
1.0
2.0
1.5
0
0.2
VGAIN (V)
0.6
0.4
0
–1.0
–1.5
–0.5
–2.0
1.0
0.8
1.1
1MHz
30MHz
70MHz
10MHz
Figure 5. Absolute Gain Error vs. VGAIN at Various Frequencies
0
10
20
30
40
50
–0.1
GAIN ERROR (dB)
0.4
0
–0.3
–0.2
0.1
–0.4
–0.5
0.3
0.2
0.5
SAMPLE SIZE = 80 UNITS
VGAIN = 0.5V
Figure 6. Gain Error Histogram
CHANNEL-TO-CHANNEL GAIN MATCH (dB)
0
5
25
20
15
10
0
5
25
20
15
10
VGAIN = 0.7V
SAMPLE SIZE = 50 UNITS
VGAIN = 0.2V
Figure 7. Gain Match Histogram for VGAIN = 0.2 V and 0.7 V
–10
0
10
20
40
30
50
100k
–20
FREQUENCY (Hz)
1M
1G
100M
10M
VGAIN = 1V
0.8V
0.6V
0.4V
0.2V
0V
Figure 8. Frequency Response for Various Values of VGAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com