Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8331 Datasheet HTML 15Page - Analog Devices AD8331 Datasheet HTML 16Page - Analog Devices AD8331 Datasheet HTML 17Page - Analog Devices AD8331 Datasheet HTML 18Page - Analog Devices AD8331 Datasheet HTML 19Page - Analog Devices AD8331 Datasheet HTML 20Page - Analog Devices AD8331 Datasheet HTML 21Page - Analog Devices AD8331 Datasheet HTML 22Page - Analog Devices AD8331 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD8331/AD8332
Rev. C | Page 19 of 32
VOUT
UNTERMINATED
+
–
VIN
RIN
RS
VOUT
RESISTIVE TERMINATION
+
–
VIN
RIN
RS
RS
VOUT
ACTIVE IMPEDANCE MATCH –RS = RIN
+
–
VIN
RIN
RFB
RFB
1 + 4.5
RS
RIN =
Figure 60. Input Configurations
5
6
7
4
2
1
3
0
100
50
1k
RS (Ω)
ACTIVE IMPEDANCE MATCH
RESISTIVE TERMINATION
(RS = RIN)
UNTERMINATED
SIMULATION
INCLUDES NOISE OF VGA
Figure 61. Noise Figure vs. RS for Resistive,
Active Matched, and Unterminated Inputs
5
6
7
4
2
1
3
0
100
50
1k
RIN = 50Ω
70
Ω
RFB = ∞
RS (Ω)
200
Ω
INCLUDES NOISE OF VGA
100
Ω
SIMULATION
Figure 62. Noise Figure vs. RS for Various Fixed Values of RIN, Actively Matched
The primary purpose of input impedance matching is to
improve the system transient response. With resistive
termination, the input noise increases due to the thermal noise
of the matching resistor and the increased contribution of the
LNA’s input voltage noise generator. With active impedance
matching, however, the contributions of both are smaller than
they would be for resistive termination by a factor of 1/(1 +
LNA Gain
). Figure 61 shows their relative noise figure (NF)
performance. In this graph, the input impedance has been swept
with RS to preserve the match at each point. The noise figures
for a source impedance of 50 Ω are 7.1 dB, 4.1 dB, and 2.5 dB,
respectively, for the resistive, active, and unterminated
configurations. The noise figures for 200 Ω are 4.6 dB, 2.0 dB,
and 1.0 dB, respectively.
Figure 62 is a plot of the NF versus RS for various values of RIN,
which is helpful for design purposes. The plateau in the NF for
actively matched inputs mitigates source impedance variations.
For comparison purposes, a preamp with a gain of 19 dB and
noise spectral density of a 1.0 nV/√Hz, combined with a VGA
with 3.75 nV/√Hz, would yield a noise figure degradation of
approximately 1.5 dB (for most input impedances), significantly
worse than the AD8332 performance.
The equivalent input noise of the LNA is the same for single-
ended and differential output applications. The LNA noise
figure improves to 3.5 dB at 50 Ω without VGA noise, but this
is exclusive of noise contributions from other external circuits
connected to LOP. A series output resistor is usually
recommended for stability purposes, when driving external
circuits on a separate board (see the Applications section). In
low noise applications, a ferrite bead is even more desirable.
VARIABLE GAIN AMPLIFIER
The differential X-AMP VGA provides precise input
attenuation and interpolation. It has a low input-referred noise
of 2.7 nV/√Hz and excellent gain linearity. A simplified block
diagram is shown in Figure 63.
GAIN INTERPOLATOR
(BOTH CHANNELS)
POST-AMP
VIP
GAIN
R
6dB
2R
48dB
VIN
gm
POST-AMP
Figure 63. Simplified VGA Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com