Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8331 Datasheet HTML 8Page - Analog Devices AD8331 Datasheet HTML 9Page - Analog Devices AD8331 Datasheet HTML 10Page - Analog Devices AD8331 Datasheet HTML 11Page - Analog Devices AD8331 Datasheet HTML 12Page - Analog Devices AD8331 Datasheet HTML 13Page - Analog Devices AD8331 Datasheet HTML 14Page - Analog Devices AD8331 Datasheet HTML 15Page - Analog Devices AD8331 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD8331/AD8332
Rev. C | Page 12 of 32
0
–100
–80
–60
–40
–20
0
–120
VOUT = 1V p-p
VGAIN (V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
HILO = LO,
HD2
HILO = HI,
HD2
HILO = LO,
HD3
HILO = HI,
HD3
INPUT RANGE
LIMITED WHEN
HILO = LO
Figure 33. Harmonic Distortion vs. VGAIN, f = 1 MHz
–100
–80
–60
–40
–20
0
–120
INPUT RANGE
LIMITED WHEN
HILO = LO
HILO = HI,
HD2
HILO = HI,
HD3
HILO = LO,
HD2
HILO = LO,
HD3
0
VGAIN (V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VOUT = 1V p-p
Figure 34. Harmonic Distortion vs. VGAIN, f = 10 MHz
0.4
0.2
0
0.3
0.1
–30
0.9
0.7
0.5
0.8
0.6
1.0
5
0
–5
–10
–15
–20
–25
10
VGAIN (V)
f = 10MHz
HILO = HI
HILO = LO
Figure 35. Input 1 dB Compression vs. VGAIN
100M
FREQUENCY (Hz)
1M
10M
–10
–90
–80
–70
–60
–30
–50
–40
–20
0
VOUT = 1V p-p COMPOSITE (f1 + f2)
G = 30dB
Figure 36. IMD3 vs. Frequency
VGAIN (V)
15
20
25
30
0
5
10
0.1
0.4
0
0.3
0.2
1.0
0.9
0.8
0.7
0.6
0.5
40
35
HILO = HI,
1MHz
HILO = HI,
10MHz
HILO = LO,
10MHz
HILO = LO,
1MHz
VOUT = 1V p-p COMPOSITE (f1 + f2)
Figure 37. Output Third Order Intercept vs. VGAIN
100
90
10
0
2mV
50mV
10ns
Figure 38. Small Signal Pulse Response, G = 30 dB,
Top: Input, Bottom: Output Voltage, HILO = HI or LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com