Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8331 Datasheet HTML 23Page - Analog Devices AD8331 Datasheet HTML 24Page - Analog Devices AD8331 Datasheet HTML 25Page - Analog Devices AD8331 Datasheet HTML 26Page - Analog Devices AD8331 Datasheet HTML 27Page - Analog Devices AD8331 Datasheet HTML 28Page - Analog Devices AD8331 Datasheet HTML 29Page - Analog Devices AD8331 Datasheet HTML 30Page - Analog Devices AD8331 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD8331/AD8332
Rev. C | Page 27 of 32
TB1
+5V
TB2
GND
C46
1
µF
+5VLNA
+5VGA
L7
120nH FB
L6
120nH FB
TP4
(BLACK)
TP3
(RED)
VOH1
21
25
VIN1
LON1
C78
1nF
C58
0.1
µF
17
AD8332ARU
VIN+A
1
LMD2
C49
0.1
µF
2
INH2
C80
22PF
3
VPS2
CFB1
18nF
C59
0.1
µF
C41
0.1
µF
C74
1nF
4
LON2
7
5
VIP2
LOP2
C53
0.1
µF
VPS1
26
COM2
6
COM1
23
8
VIN2
C51
0.1
µF
27
INH1
S1
EIN1
C60
0.1
µF
C79
22 PF
L13
120nH FB
TP6
28
LMD1
C70
0.1
µF
COM
14
9
VCM2
C48
0.1
µF
10
GAIN
C83
1nF
11
CLMP
R3
(RCLMP)
C54
0.1
µF
VOH2
12
VIN+B
C55
0.1
µF
VOL2
13
JP12
VPSV
15
C45
0.1
µF
C85
1nF
VOL1
C56
0.1
µF
16
L8
120nF FB
18
ENB
+5VGA
19
HILO
20
VCM1
C43
0.1
µF
C77
1nF
22
24
VIP1
LOP1
+5VLNA
VCM1
0.1
µF
AD8541
VCM
R22
1k
Ω
R23
2k
Ω
7
6
3
2
100
Ω
RFB1
274
Ω
RFB2
274
Ω
VREF
C50
0.1
µF
S3
EIN2
L12
120nH FB
TP5
CFB2
18nF
C71 1nF
C68
1nF
C69
0.1
µF
R27
100
Ω
L11
120nH FB
JP8
DC2H
L10
120nH FB
JP7
DC2L
R26
+5VGA
ENABLE
HI GAIN
DISABLE
LO GAIN
L9
120nH FB
R24
100
Ω
JP9
JP10
JP17
TP2 GAIN
JP5
IN2
JP6
IN1
TP7 GND
L17
SAT
L18
SAT
L19
SAT
L20
SAT
C67
SAT
C66
SAT
L1
SAT
L14
SAT
L15
SAT
L16
SAT
C64
SAT
C65
SAT
OPTIONAL 4-POLE LOW-PASS
FILTER
OPTIONAL 4-POLE LOW-PASS
FILTER
JP14
JP13
VCM1
4
+5VGA
JP10
JP16
R25
100
Ω
+
+5VLNA
+5V
VIN–B
C42
0.1
µF
VIN–A
Figure 76. Schematic, TGC, VGA Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com