Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R4 Datasheet(PDF) 83 Page - ATMEL Corporation

Part # T48C862-R4
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R4 Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button T48C862-R4 Datasheet HTML 79Page - ATMEL Corporation T48C862-R4 Datasheet HTML 80Page - ATMEL Corporation T48C862-R4 Datasheet HTML 81Page - ATMEL Corporation T48C862-R4 Datasheet HTML 82Page - ATMEL Corporation T48C862-R4 Datasheet HTML 83Page - ATMEL Corporation T48C862-R4 Datasheet HTML 84Page - ATMEL Corporation T48C862-R4 Datasheet HTML 85Page - ATMEL Corporation T48C862-R4 Datasheet HTML 86Page - ATMEL Corporation T48C862-R4 Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 107 page
background image
83
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Combination Mode 7:
Pulse-width Modulation
(PWM)
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 3
Timer 3 mode 9: Pulse-width modulation with the shift register data (SO)
The two compare registers are used to generate two varied time intervals. The SSI data
output selects which compare register is used for the output pulse generation. In this
mode, both compare and compare mode registers must be programmed to generate the
two pulse width. It is also useful to enable the single-action mode for extreme duty
cycles. Timer 2 is used as baudrate generator and for the triggered restart of Timer 3.
The SSI must be supplied with the toggle signal of Timer 2. The counter is driven by an
internal or external clock source.
Figure 81.
Pulse-width Modulation
Combination Mode 8:
Manchester
Demodulation/Pulse-width
Demodulation
SSI mode 1:
8-bit shift register internal data input (SI) and the internal shift clock
(SCI) from the Timer 3
Timer 3 mode 10: Manchester demodulation/pulse-width demodulation with Timer 3
For Manchester demodulation, the edge detection stage must be programmed to detect
each edge at the input. These edges are evaluated by the demodulator stage. The timer
stage is used to generate the shift clock for the SSI. A compare register 1 match event
defines the correct moment for shifting the state from the input T3I as the decoded bit
into shift register. After that, the demodulator waits for the next edge to synchronize the
timer by a reset for the next bit. The compare register 2 can be used to detect a time
error and handle it with an interrupt routine.
Before activating the demodulator mode the timer and the demodulator stage must be
synchronized with the bitstream. The Manchester code timing consists of parts with the
half bitlength and the complete bitlength. A synchronization routine must start the
demodulator after an interval with the complete bitlength.
The counter can be driven by any internal clock source. The output T3O can be used by
Timer 2 in this mode. The Manchester decoder can also be used for pulse-width demod-
ulation. The input must programmed to detect the positive edge. The demodulator and
timer must be synchronized with the leading edge of the pulse. After that a counter
match with the compare register 1 shifts the state at the input T3I into the shift register.
The next positive edge at the input restarts the timer.
000 00 00 00
000 0
Counter 3
CM31
CM32
T3O
00 0 001 234 56 7 8 9 1011121314150 12 345
TOG2
67 8
1
91112
10
14
13
0
2 3
14
15
0
0
0
1
SIR
SO
SCO
T3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com