Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R4 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # T48C862-R4
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R4 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button T48C862-R4 Datasheet HTML 87Page - ATMEL Corporation T48C862-R4 Datasheet HTML 88Page - ATMEL Corporation T48C862-R4 Datasheet HTML 89Page - ATMEL Corporation T48C862-R4 Datasheet HTML 90Page - ATMEL Corporation T48C862-R4 Datasheet HTML 91Page - ATMEL Corporation T48C862-R4 Datasheet HTML 92Page - ATMEL Corporation T48C862-R4 Datasheet HTML 93Page - ATMEL Corporation T48C862-R4 Datasheet HTML 94Page - ATMEL Corporation T48C862-R4 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
91
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Control Byte Format
EEPROM
The EEPROM has a size of 2
× 512 bits and is organized as 32 × 16-bit matrix each. To
read and write data to and from the EEPROM the serial interface must be used. The
interface supports one and two byte write accesses and one to n-byte read accesses to
the EEPROM.
EEPROM
– Operating Modes
The operating modes of the EEPROM are defined via the control byte. The control byte
contains the row address, the mode control bits and the read/not-write bit that is used to
control the direction of the following transfer. A "0" defines a write access and a "1" a
read access. The five address bits select one of the 32 rows of the EEPROM memory to
be accessed. For all accesses the complete 16-bit word of the selected row is loaded
into a buffer. The buffer must be read or overwritten via the serial interface. The two
mode control bits C1 and C2 define in which order the accesses to the buffer are per-
formed: High byte – low byte or low byte – high byte. The EEPROM also supports
autoincrement and autodecrement read operations. After sending the start address with
the corresponding mode, consecutive memory cells can be read row by row without
transmission of the row addresses.
Two special control bytes enable the complete initialization of EEPROM with "0" or
with "1".
Write Operations
The EEPROM permits 8-bit and 16-bit write operations. A write access starts with the
START condition followed by a write control byte and one or two data bytes from the
master. It is completed via the STOP condition from the master after the acknowledge
cycle.
The programming cycle consists of an erase cycle (write "zeros") and the write cycle
(write "ones"). Both cycles together take about 10 ms.
Acknowledge Polling
If the EEPROM is busy with an internal write cycle, all inputs are disabled and the
EEPROM will not acknowledge until the write cycle is finished. This can be used to
detect the end of the write cycle. The master must perform acknowledge polling by
sending a start condition followed by the control byte. If the device is still busy with the
write cycle, it will not return an acknowledge and the master has to generate a stop con-
dition or perform further acknowledge polling sequences. If the cycle is complete, it
returns an acknowledge and the master can proceed with the next read or write cycle.
Write One Data Byte
Write Two Data Bytes
Write Control Byte Only
EEPROM Address
Mode
Control Bits
Read/
NWrite
Start
A4A3A2A1A0
C1
C0
R/NW
Ackn
Start
Control byte
Ackn
Data byte
Ackn
Data byte
Ackn
Stop
Start
Control byte
A
Data byte 1
A
Stop
Start
Control byte
A
Data byte 1
A
Data byte 2
A
Stop
Start
Control byte
A
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com