Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R4 Datasheet(PDF) 99 Page - ATMEL Corporation

Part # T48C862-R4
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R4 Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button T48C862-R4 Datasheet HTML 95Page - ATMEL Corporation T48C862-R4 Datasheet HTML 96Page - ATMEL Corporation T48C862-R4 Datasheet HTML 97Page - ATMEL Corporation T48C862-R4 Datasheet HTML 98Page - ATMEL Corporation T48C862-R4 Datasheet HTML 99Page - ATMEL Corporation T48C862-R4 Datasheet HTML 100Page - ATMEL Corporation T48C862-R4 Datasheet HTML 101Page - ATMEL Corporation T48C862-R4 Datasheet HTML 102Page - ATMEL Corporation T48C862-R4 Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 107 page
background image
99
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Please attach this page to the approval form.
Date: ____________
Signature: _________________________Company: _________________________
Option Settings for Ordering
Please select the option settings from the list below and insert ROM CRC.
Output
Input
Output
Input
Port 1
Port 5
BP10 [] CMOS
[] Switched pull-up
BP50 [] CMOS
[] Switched pull-up
[] Open drain [N]
[] Switched pull-down
[] Open drain [N]
[] Switched pull-down
[] Open drain [P]
[] Static pull-up
[] Open drain [P]
[] Static pull-up
[] Static pull-down
[] Static pull-down
BP13 [] CMOS
[] Switched pull-up
BP51 [] CMOS
[] Switched pull-up
[] Open drain [N]
[] Switched pull-down
[] Open drain [N]
[] Switched pull-down
[] Open drain [P]
[] Static pull-up
[] Open drain [P]
[] Static pull-up
[] Static pull-down
[] Static pull-down
Port 2
BP52 [] CMOS
[] Switched pull-up
BP20 [] CMOS
[] Switched pull-up
[] Open drain [N]
[] Switched pull-down
[] Open drain [N]
[] Switched pull-down
[] Open drain [P]
[] Static pull-up
[] Open drain [P]
[] Static pull-up
[] Static pull-down
BP53 [] CMOS
[] Switched pull-up
BP21 [] CMOS
[] Switched pull-up
[] Open drain [N]
[] Switched pull-down
[] Open drain [N]
[] Switched pull-down
[] Open drain [P]
[] Static pull-up
[] Open drain [P]
[] Static pull-up
[] Static pull-down
[] Static pull-down
Port 6
BP22 [] CMOS
[] Switched pull-up
BP60 [] CMOS
[] Switched pull-up
[] Open drain [N]
[] Switched pull-down
[] Open drain [N]
[] Switched pull-down
[] Open drain [P]
[] Static pull-up
[] Open drain [P]
[] Static pull-up
[] Static pull-down
[] Static pull-down
BP23 [] CMOS
[] Switched pull-up
BP63 [] CMOS
[] Switched pull-up
[] Open drain [N]
[] Switched pull-down
[] Open drain [N]
[] Switched pull-down
[] Open drain [P]
[] Static pull-up
[] Open drain [P]
[] Static pull-up
[] Static pull-down
[] Static pull-down
Port 4
BP40 [] CMOS
[] Switched pull-up
OSC1
[] Open drain [N]
[] Switched pull-down
[] No integrated capacitance
[] Open drain [P]
[] Static pull-up
[] Internal capacitance (0 to 20 pF) [ _____pF]
[] Static pull-down
OSC2
BP41 [] CMOS
[] Switched pull-up
[] No integrated capacitance
[] Open drain [N]
[] Switched pull-down
[] Internal capacitance (0 to 20 pF) [ _____pF]
[] Open drain [P]
[] Static pull-up
[] Static pull-down
Clock Used
BP42 [] CMOS
[] Switched pull-up
[] External resistor
[] Open drain [N]
[] Switched pull-down
[] External clock
[] Open drain [P]
[] Static pull-up
[] 32-kHz crystal
[] Static pull-down
[] 4-MHz crystal
BP43 [] CMOS
[] Switched pull-up
[] Open drain [N]
[] Switched pull-down
ECM (External Clock Monitor)
[] Open drain [P]
[] Static pull-up
[] Enable
[] Static pull-down
[] Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com