Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R4 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T48C862-R4
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R4 Datasheet(HTML) 4 Page - ATMEL Corporation

  T48C862-R4 Datasheet HTML 1Page - ATMEL Corporation T48C862-R4 Datasheet HTML 2Page - ATMEL Corporation T48C862-R4 Datasheet HTML 3Page - ATMEL Corporation T48C862-R4 Datasheet HTML 4Page - ATMEL Corporation T48C862-R4 Datasheet HTML 5Page - ATMEL Corporation T48C862-R4 Datasheet HTML 6Page - ATMEL Corporation T48C862-R4 Datasheet HTML 7Page - ATMEL Corporation T48C862-R4 Datasheet HTML 8Page - ATMEL Corporation T48C862-R4 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
4
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
UHF ASK/FSK Transmitter Block
Features
Integrated PLL Loop Filter
ESD Protection (4 kV HBM/200 V MM, Except Pin 2: 4 kV HBM/100 V MM) also at ANT1/ANT2
Maximum Output Power (10 dBm) with Low Supply Current (9.5 mA Typically)
Modulation Scheme ASK/FSK
– FSK Modulation is Achieved by Connecting an Additional Capacitor between the XTAL Load Capacitor and the Open-
drain Output of the Modulating Microcontroller
Easy to Design-in Due to Excellent Isolation of the PLL from the PA and Power Supply
Supply Voltage 2.0 V to 4.0 V in the Temperature Range of -40
° C to +125° C
Single-ended Antenna Output with High Efficient Power Amplifier
External CLK Output for Clocking the Microcontroller
125
° C Operation for Tire Pressure Systems
Description
The PLL transmitter block has been developed for the demands of RF low-cost transmission systems, at data rates up to
32 kbaud. The transmitting frequency range is 429 MHz to 439 MHz. It can be used in both FSK and ASK systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com