Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R4 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # T48C862-R4
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R4 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button T48C862-R4 Datasheet HTML 33Page - ATMEL Corporation T48C862-R4 Datasheet HTML 34Page - ATMEL Corporation T48C862-R4 Datasheet HTML 35Page - ATMEL Corporation T48C862-R4 Datasheet HTML 36Page - ATMEL Corporation T48C862-R4 Datasheet HTML 37Page - ATMEL Corporation T48C862-R4 Datasheet HTML 38Page - ATMEL Corporation T48C862-R4 Datasheet HTML 39Page - ATMEL Corporation T48C862-R4 Datasheet HTML 40Page - ATMEL Corporation T48C862-R4 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 107 page
background image
37
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Table 11.
Port 5 Control Register
Bi-directional Port 4
The bi-directional Port 4 is a bitwise configurable I/O port and provides the external pins
for the Timer 2, SSI and the voltage monitor input (VMI). As a normal port, it performs in
exactly the same way as bi-directional Port 2 (see Figure 32). Two additional multi-
plexes allow data and port direction control to be passed over to other internal modules
(Timer 2, VM or SSI). The I/O-pins for SC and SD line have an additional mode to
generate an SSI-interrupt.
All four Port 4 pins can be individually switched by the P4CR register. Figure 32 shows
the internal interfaces to bi-directional Port 4.
Figure 32.
Bi-directional Port 4 and Port 6
Auxiliary Address: "5"hex, First Write Cycle
Second Write Cycle
Code
3 2 1 0
Function
Code
3 2 1 0
Function
x x 1 1
BP50 in input mode
interrupt disabled
x x 1 1
BP52 in input mode
interrupt disabled
x x 0 1
BP50 in input mode
rising edge interrupt
x x 0 1
BP52 in input mode
rising edge interrupt
x x 1 0
BP50 in input mode
falling edge interrupt
x x 1 0
BP52 in input mode
falling edge interrupt
x x 0 0
BP50 in output mode
interrupt disabled
x x 0 0
BP52 in output mode
interrupt disabled
1 1 x x
BP51 in input mode
interrupt disabled
1 1 x x
BP53 in input mode
interrupt disabled
0 1 x x
BP51 in input mode
rising edge interrupt
0 1 x x
BP53 in input mode
rising edge interrupt
1 0 x x
BP51 in input mode
falling edge interrupt
1 0 x x
BP53 in input mode
falling edge interrupt
0 0 x x
BP51 in output mode
interrupt disabled
0 0 x x
BP53 in output mode
interrupt disabled
Master reset
Q
V
DD
V
DD
BPxy
Configurable
*
*
PxDATy
I/O Bus
D
I/O Bus
I/O Bus
*
*
Switched
pull-up
Switched
pull-down
*
*
S
PxCRy
S
Q
D
PxMRy
POut
(Direction)
PDir
Intx
*
*
PIn
V
DD
Static
pull-up
Static
pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com