Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R4 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # T48C862-R4
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R4 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button T48C862-R4 Datasheet HTML 34Page - ATMEL Corporation T48C862-R4 Datasheet HTML 35Page - ATMEL Corporation T48C862-R4 Datasheet HTML 36Page - ATMEL Corporation T48C862-R4 Datasheet HTML 37Page - ATMEL Corporation T48C862-R4 Datasheet HTML 38Page - ATMEL Corporation T48C862-R4 Datasheet HTML 39Page - ATMEL Corporation T48C862-R4 Datasheet HTML 40Page - ATMEL Corporation T48C862-R4 Datasheet HTML 41Page - ATMEL Corporation T48C862-R4 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
38
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Port 4 Data Register (P4DAT)
Primary register address: "4"hex
Port 4 Control Register (P4CR)
Byte Write
Auxiliary register address: "4"hex
P4xM2, P4xM1 – Port 4x Interrupt mode/direction code
Table 12.
Port 4 Control Register
Bi-directional Port 6
The bi-directional Port 6 is a bitwise configurable I/O port and provides the external pins
for the Timer 3. As a normal port, it performs in exactly the same way as bi-directional
Port 6 (see Figure 32 on page 37). Two additional multiplexes allow data and port direc-
tion control to be passed over to other internal module (Timer 3). The I/O pin for T3I line
has an additional mode to generate a Timer 3 interrupt.
All two Port 6 pins can be individually switched by the P6CR register. Figure 32 on page
37 shows the internal interfaces to bi-directional Port 6.
Bit 3Bit 2Bit 1Bit 0
P4DAT3
P4DAT2
P4DAT1
P4DAT0
Reset value: 1111b
Bit 3Bit 2Bit 1Bit 0
First write cycle
P41M2
P41M1
P40M2
P40M1
Reset value: 1111b
Bit 7Bit 6Bit 5Bit 4
Second write cycle
P43M2
P43M1
P42M2
P42M1
Reset value: 1111b
Auxiliary Address: "4"hex
First Write Cycle
Second Write Cycle
Code
3 2 1 0
Function
Code
3 2 1 0
Function
x x 1 1
BP40 in input mode
x x 1 1
BP42 in input mode
x x 1 0
BP40 in output mode
x x 1 0
BP42 in output mode
x x 0 1
BP40 enable alternate function
(SC for SSI)
x x 0 x
BP42 enable alternate function
(T2O for Timer 2)
x x 0 0
BP40 enable alternate function
(falling edge interrupt input for
INT3)
1 1 x x
BP43 in input mode
1 1 x x
BP41 in input mode
1 0 x x
BP43 in output mode
1 0 x x
BP41 in output mode
0 1 x x
BP43 enable alternate function
(SD for SSI)
0 1 x x
BP41 enable alternate function
(VMI for voltage monitor input)
0 0 x x
BP43 enable alternate function
(falling edge interrupt input for
INT3)
0 0 x x
BP41 enable alternate function
(T2I external clock input for
Timer 2)
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com