Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R4 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # T48C862-R4
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R4 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button T48C862-R4 Datasheet HTML 18Page - ATMEL Corporation T48C862-R4 Datasheet HTML 19Page - ATMEL Corporation T48C862-R4 Datasheet HTML 20Page - ATMEL Corporation T48C862-R4 Datasheet HTML 21Page - ATMEL Corporation T48C862-R4 Datasheet HTML 22Page - ATMEL Corporation T48C862-R4 Datasheet HTML 23Page - ATMEL Corporation T48C862-R4 Datasheet HTML 24Page - ATMEL Corporation T48C862-R4 Datasheet HTML 25Page - ATMEL Corporation T48C862-R4 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
22
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
A power-on reset pulse is generated by a V
DD rise across the default BOT voltage level
(1.7 V). A brown-out reset pulse is generated when V
DD falls below the brown-out volt-
age threshold. Two values for the brown-out voltage threshold are programmable via
the BOT bit in the SC register. When the controller runs in the upper supply voltage
range with a high system clock frequency, the high threshold must be used. When it
runs with a lower system clock frequency, the low threshold and a wider supply voltage
range may be chosen. For further details, see the electrical specification and the
SC register description for BOT programming.
Figure 16.
Brown-out Detection
Watchdog Reset
The watchdog’s function can be enabled at the WDC register and triggers a reset with
every watchdog counter overflow. To suppress the watchdog reset, the watchdog
counter must be regularly reset by reading the watchdog register address (CWD). The
CPU reacts in exactly the same manner as a reset stimulus from any of the above
sources.
External Clock Supervisor
The external input clock supervisor function can be enabled if the external input clock is
selected within the CM and SC registers of the clock module. The CPU reacts in exactly
the same manner as a reset stimulus from any of the above sources.
Voltage Monitor
The voltage monitor consists of a comparator with internal voltage reference. It is used
to supervise the supply voltage or an external voltage at the VMI pin. The comparator for
the supply voltage has three internal programmable thresholds one lower threshold (2.2
V), one middle threshold (2.6 V) and one higher threshold (3.0 V). For external voltages
at the VMI pin, the comparator threshold is set to V
BG = 1.3 V. The VMS bit indicates if
the supervised voltage is below (VMS = 0) or above (VMS = 1) this threshold. An inter-
rupt can be generated when the VMS bit is set or reset to detect a rising or falling slope.
A voltage monitor interrupt (INT7) is enabled when the interrupt mask bit (VIM) is reset
in the VMC register.
V
DD
CPU
Reset
t
BOT = '1'
2.0 V
1.7 V
CPU
Reset
BOT = '0'
td
td
t
d
= 1.5 ms (typically)
td
BOT = 1, low brown-out voltage threshold 1.7 V (is reset value).
BOT = 0, high brown-out voltage threshold 2.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com