Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R4 Datasheet(PDF) 93 Page - ATMEL Corporation

Part # T48C862-R4
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R4 Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button T48C862-R4 Datasheet HTML 89Page - ATMEL Corporation T48C862-R4 Datasheet HTML 90Page - ATMEL Corporation T48C862-R4 Datasheet HTML 91Page - ATMEL Corporation T48C862-R4 Datasheet HTML 92Page - ATMEL Corporation T48C862-R4 Datasheet HTML 93Page - ATMEL Corporation T48C862-R4 Datasheet HTML 94Page - ATMEL Corporation T48C862-R4 Datasheet HTML 95Page - ATMEL Corporation T48C862-R4 Datasheet HTML 96Page - ATMEL Corporation T48C862-R4 Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 107 page
background image
93
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Read Control Bytes
A -> acknowledge, N -> no acknowledge; HB: high byte; LB: low byte, R: row address
Initialization the Serial
Interface to the EEPROM
To prevent unexpected behavior of he EEPROM and its interface it is good practice to
use an initialization sequence after any reset of the circuit. This is performed by writing:
to the serial interface. If the EEPROM acknowledges this sequence it is in a defined
state. Maybe it is necessary to perform this sequence twice.
MSB
LSB
Read low byte first,
address increment
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
0
1
1
Byte order
LB(R)
HB(R)
LB(R+1)
HB(R+1)
LB(R+n)
HB(R+n)
MSB
LSB
Read high byte first,
address decrement
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
1
0
1
Byte order
HB(R)
LB(R)
HB(R-1)
LB(R-1)
HB(R-n)
LB(R-n)
Start
"FFh"
A Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com